Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8F082ASH020SC Datasheet(PDF) 132 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 132 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 128Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 129Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 130Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 131Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 132Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 133Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 134Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 135Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 136Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Analog-to-Digital Converter
Z8 Encore! XP® F08xA Series
Product Specification
114
Calibration and Compensation
The Z8 Encore! XP® F08xA Series ADC can be factory calibrated for offset error and gain
error, with the compensation data stored in Flash memory. Alternatively, user code can
perform its own calibration, storing the values into Flash themselves. Thirdly, the user
code can perform a manual offset calibration during DIFFERENTIAL mode operation.
Factory Calibration
Devices that have been factory calibrated contain 30 bytes of calibration data in the Flash
option bit space. This data consists of 3 bytes for each input mode. See “ZiLOG Calibra-
tion Bits” on page 145. There is 1 byte for offset, 2 bytes for gain correction.
User Calibration
If the user has precision references available, its own external calibration can be per-
formed using any of the three available input modes. Because the calibration data consid-
ers buffer offset and non-linearity, it is recommended that this calibration be performed
separately for each of the ADC input modes planned for use.
Manual Offset Calibration
When uncalibrated, the ADC has significant offset (up to 35 mV with unity gain and up to
250 mV in 20x gain mode). Subsequently, manual offset calibration capability is built into
the block. When the ADC Control Register 0 sets the input mode (ANAIN[2:0]) to MAN-
UAL OFFSET CALIBRATION mode, the differential inputs to the ADC are shorted
together by an internal switch. Reading the ADC value at this point produces 0 in an ideal
system. The value actually read is the ADC offset. This value can be stored in flash and
accessed by user code to compensate for the input offset error.
There is no provision for manual gain calibration.
Software Compensation Procedure
The value read from the ADC high and low byte registers are uncompensated. The user
mode software must apply gain and offset correction to this uncompensated value for
maximum accuracy. The following formula yields the compensated value:
ADCcomp = (ADCuncomp - OFFCAL) + ((ADC uncomp - OFFCAL)*GAINCAL)/2
16
where GAINCAL is the gain calibration byte, OFFCAL is the offset calibration byte and
ADCuncomp is the uncompensated value read from the ADC. The OFFCAL value is in
two’s complement format, as are the compensated and uncompensated ADC values.
The offset compensation is performed first, followed by the gain compensation. One bit of
resolution is lost because of rounding on both the offset and gain computations. As a result
the ADC registers read back 13 bits: 1 sign bit, two calibration bits lost to rounding and 10
data bits.
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com