Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8F082ASH020SC Datasheet(PDF) 179 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 179 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 175Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 176Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 177Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 178Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 179Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 180Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 181Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 182Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 183Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Oscillator Control
Z8 Encore! XP® F08xA Series
Product Specification
161
Unintentional accesses to the oscillator control register can actually stop the chip by
switching to a non-functioning oscillator. To prevent this condition, the oscillator con-
trol block employs a register unlocking/locking scheme.
OSC Control Register Unlocking/Locking
To write the oscillator control register, unlock it by making two writes to the OSCCTL
register with the values E7H followed by 18H. A third write to the OSCCTL register
changes the value of the actual register and returns the register to a locked state. Any other
sequence of oscillator control register writes has no effect. The values written to unlock
the register must be ordered correctly, but are not necessarily consecutive. It is possible to
write to or read from other registers within the unlocking/locking operation.
Table 101. Oscillator Configuration and Selection
Clock Source
Characteristics
Required Setup
Internal Precision
RC Oscillator
• 32.8KHz or 5.53MHz
• ± 4% accuracy when trimmed
• No external components required
• Unlock and write Oscillator Control
Register (OSCCTL) to enable and
select oscillator at either 5.53MHz or
32.8KHz
External Crystal/
Resonator
• 32KHz to 20MHz
• Very high accuracy (dependent on
crystal or resonator used)
• Requires external components
• Configure Flash option bits for correct
external oscillator mode
• Unlock and write OSCCTL to enable
crystal oscillator, wait for it to stabilize
and select as system clock (if the
XTLDIS option bit has been de-
asserted, no waiting is required)
External RC
Oscillator
• 32KHz to 4MHz
• Accuracy dependent on external
components
• Configure Flash option bits for correct
external oscillator mode
• Unlock and write OSCCTL to enable
crystal oscillator and select as system
clock
External Clock
Drive
• 0 to 20MHz
• Accuracy dependent on external clock
source
• Write GPIO registers to configure PB3
pin for external clock function
• Unlock and write OSCCTL to select
external system clock
• Apply external clock signal to GPIO
Internal Watchdog
Timer Oscillator
• 10KHz nominal
• ± 40% accuracy; no external
components required
• Low power consumption
• Enable WDT if not enabled and wait
until WDT Oscillator is operating.
• Unlock and write Oscillator Control
Register (OSCCTL) to enable and
select oscillator
Caution:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com