Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4162IUFD-FST#PBF Datasheet(PDF) 23 Page - Analog Devices

Part # LTC4162IUFD-FST#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162IUFD-FST#PBF Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC4162IUFD-FST#PBF Datasheet HTML 19Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 20Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 21Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 22Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 23Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 24Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 25Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 26Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
23
LTC4162-F
Rev A
For more information www.analog.com
OPERATION
Thisallowsthesystemtohavemanypartsshareacommon
interruptline.IfmultiplepartsareassertingtheSMBALERT
signal then multiple reads from the ARA are needed. For
more information refer to the SMBus specification.
After the ARA process is complete, alert bits can be cleared
by individually writing them to 0 and writing the remaining
bits in the register to 1. This preserves any other pending
alert bits as writing 1s to the alert registers are ignored.
Series Cell Count Selection
Cell count selection of up to eight series cells is made via
theCELLS1andCELLS0pins. CELLS1andCELLS0should
be pin strapped to either GND, VCC2P5, or INTVCCtomake
the cell_count selection (see Table 5). For added safety,
cell_count can be read back from the I2C port. The GND/
GND combination will result in a cell_count_err and will
inhibit charging. Note that the number of cells multiplied
by their expected maximum cell voltage during charging
cannot exceed VIN – VIN_DUVLO.
Table 5. CELLS0 and CELLS1 Pin Mapping to Series Cell Count
CELLS1
CELLS0
cell_count
INTVCC
INTVCC
1
INTVCC
VCC2P5
2
INTVCC
GND
3
VCC2P5
INTVCC
4
VCC2P5
VCC2P5
5
VCC2P5
GND
6
GND
INTVCC
7
GND
VCC2P5
8
GND
GND
9
When charging stacks of two or more cells in series it is
importanttoconsultwiththebatterymanufacturertoascer-
tain requirements pertaining to cell balancing. Repeatedly
charging series stacks of cells without balancing is usually
degenerative and typically leads to increased mismatch
accompanied with shorter battery life. For high reliability
applicationsanauxiliarybatterybalancerisrecommended.
Battery Detection
The LTC4162 begins a charging cycle by performing a 2-4
second battery detection test, during which a 1mA load is
drawn from the battery followed by a small charge current
being sent to the battery. If the battery voltage remains
stable during the battery detection test, the LTC4162
proceeds with battery charger soft-start. If the battery
voltage does not remain stable, the LTC4162 proceeds
with a battery open/short test. The battery is charged at
minimum charge current for one to two seconds. Abnor-
mal results from the battery detection test result in char-
ger_statebecomingbat_missing_fault,bat_short_faultor
bat_detect_failed_fault and will prevent further charging.
A charger_state of bat_missing_fault will also occur if
the thermistor is open or has a very high value (thermis-
tor_voltage>open_thermistor).Programmableinterrupts
en_bat_short_fault_alert,en_bat_missing_fault_alertand
en_bat_detect_failed_fault_alert can be set to generate an
SMBALERT if one of these cases occurs. In the event of a
battery detection fault, the battery detection test will retry
every 30 seconds.
Battery Charger Soft-Start
The LTC4162 soft starts charge current by ramping ich-
arge_dac from 0 to its target charge current setting at a
nominal rate of 400µS per icharge_dac LSB. This results
in a maximum charge current soft start time of 31 • 400µs
or 12.4ms. Any time the battery charger needs to change
its charge current setting up or down, the ramp routine is
invoked. The charge current target is derived from either
charge_current_settingortheJEITAtemperaturequalified
chargingsystem,icharge_jeita_2 through icharge_jeita_6
(See Advanced JEITA Temperature Controlled Charging).
Low Battery
If the BATSENS+ pin voltage is lower than about 2.5V,
the battery charger delivers roughly 10mA directly from
INTVCC. This operating mode is mainly used to pull a
pack protected battery out of protection mode. When the
BATSENS+ pin voltage reaches 2.5V, charging hands over
to the switching battery charger and proceeds to the full
constant-current/constant-voltagechargingphasereport-
ing cc_cv_charge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com