Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4162IUFD-FST#PBF Datasheet(PDF) 27 Page - Analog Devices

Part # LTC4162IUFD-FST#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162IUFD-FST#PBF Datasheet(HTML) 27 Page - Analog Devices

Back Button LTC4162IUFD-FST#PBF Datasheet HTML 23Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 24Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 25Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 26Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 27Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 28Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 29Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 30Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
27
LTC4162-F
Rev A
For more information www.analog.com
OPERATION
mination features can be disabled by setting max_cv_time
to 0. Both of the charge timers will be paused in ntc_pause.
The LTC4162 can optionally be configured to generate an
interruptatC/xterminationbysettingen_c_over_x_term_
alert. Timer termination alerts can also be set with either
en_timer_term_alert for the constant_voltage timer or
en_max_charge_time_alert for max_charge_time_fault.
c_over_x_term, timer_term and max_charge_time_fault
determine what caused the SMBALERT. The LTC4162
terminates charging by disabling the switching charger
which makes the SW node high impedance.
Automatic Recharge
After a normal termination, the charger will remain off. If
the portable product remains in this state long enough,
the battery will eventually self discharge. To ensure that
the battery is always topped off, a new charge cycle
will automatically begin when the battery voltage falls
below approximately 3.35V per cell_count and can be
changed by writing a new value to v_recharge_lifepo4.
The termination safety timers, tcvtimer and tchargetimer,
will reset back to zero. A new charge cycle will also be
initiated if input power is cycled or if the charger is
momentarily disabled (e.g. suspend_charger set to 1,
then back to 0).
4162F F02
vin_gt_vbat = 0
+vin_gt_4p2v = 0
+thermal_shutdown = 1
+suspend_charger = 1
+cell_count_err = 1
+no_rt = 1
CHARGER
SUSPENDED
BATTERY
DETECTION
CONSTANT CURRENT/CONSTANT VOLTAGE
CHARGING
NTC
PAUSE
30-SECOND DELAY
BATTERY DETECTION FAILED FAULT
BATTERY SHORTED FAULT
BATTERY MISSING FAULT
ABSORB
CHARGE
CONSTANT VOLTAGE
TIMER TERMINATION
tcvtimer > max_cv_time
AND max_cv_time ≠ 0
tchargetimer
> max_charge_time
vbat < 97.5%VCHARGE
MAXIMUM CHARGE
TIME FAULT
vbat < 35%VCHARGE
CONSTANT VOLTAGE
C/x TERMINATION
charge_status = constant_voltage
AND ibat < c_over_x_threshold
vbat < 97.5%VCHARGE
vabsorb_delta > 0
vbat ≥ 2.85V
jeita_t1 < thermistor_voltage < jeita_t6
jeita_t1 > thermistor_voltage > jeita_t6
thermistor_voltage > open_thermistor
tabsorbtimer = max_absorb_time
OR
charge_status = constant_voltage
AND ibat < c_over_x_threshold
Figure 2. Battery Charging State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com