Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4162IUFD-FST#PBF Datasheet(PDF) 45 Page - Analog Devices

Part # LTC4162IUFD-FST#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162IUFD-FST#PBF Datasheet(HTML) 45 Page - Analog Devices

Back Button LTC4162IUFD-FST#PBF Datasheet HTML 41Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 42Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 43Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 44Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 45Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 46Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 47Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 48Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
45
LTC4162-F
Rev A
For more information www.analog.com
Symbol Name
Command
Code
Access
Bit
Range
Default Description
bat_short_fault_
alert
[0]
0
Alert that indicates that a bat_short_fault has been detected. This alert bit is cleared by
writing it back to 0 with the remaining bits in this register set to 1s. It can also be cleared
by clearing en_bat_short_fault_alert.
CHARGE_STATUS_
ALERTS_REG
0x38
R
[5:0]
0
Alerts that charge_status indicators have occurred. Individual bits are enabled by
EN_CHARGE_STATUS_ALERTS_REG. Writing 0 to any bit clears that alert. Once set,
alert bits remain high until cleared or disabled.
ilim_reg_active_
alert
[5]
0
Alert that indicates that charge_status is ilim_reg_active. This alert bit is cleared by
writing it back to 0 with the remaining bits in this register set to 1s. It can also be cleared
by clearing en_ilim_reg_active_alert.
thermal_reg_
active_alert
[4]
0
Alert that indicates that charge_status is thermal_reg_active. This alert bit is cleared
by writing it back to 0 with the remaining bits in this register set to 1s. It can also be
cleared by clearing en_thermal_reg_active_alert.
vin_uvcl_active_
alert
[3]
0
Alert that indicates that charge_status is vin_uvcl_active. This alert bit is cleared by
writing it back to 0 with the remaining bits in this register set to 1s. It can also be cleared
by clearing en_vin_uvcl_active_alert.
iin_limit_active_
alert
[2]
0
Alertthatindicatesthatcharge_statusisiin_limit_active.Thisalertbitisclearedbywriting
it back to 0 with the remaining bits in this register set to 1s. It can also be cleared by
clearing en_iin_limit_active_alert.
constant_current_
alert
[1]
0
Alert that indicates that charge_status is constant_current. This alert bit is cleared by
writing it back to 0 with the remaining bits in this register set to 1s. It can also be cleared
by clearing en_constant_current_alert.
constant_voltage_
alert
[0]
0
Alert that indicates that charge_status is constant_voltage. This alert bit is cleared by
writing it back to 0 with the remaining bits in this register set to 1s. It can also be cleared
by clearing en_constant_voltage_alert.
SYSTEM_STATUS_
REG
0x39
R
[8:0]
N/A
Real time system status indicator bits
en_chg
[8]
N/A
Indicates that the battery charger is active.
cell_count_err
[7]
N/A
cell_count_err always indicates true when telemetry is not enabled such as when the
charger is not enabled.
no_rt
[5]
N/A
IndicatesthatnofrequencysettingresistorisdetectedontheRTpin. TheRTpinimpedance
detection circuit will typically indicate a missing RT resistor for values above 1.4MΩ.
no_rt always indicates true when the battery charger is not enabled such as when there
is no input power available.
thermal_shutdown
[4]
N/A
Indicates that the LTC4162 is in thermal shutdown protection due to an excessively high
die temperature (typically 150°C).
vin_ovlo
[3]
N/A
Indicates that input voltage shutdown protection is active due to an input voltage above
its protection shut-down threshold of approximately 38.6V.
vin_gt_vbat
[2]
N/A
Indicates that the VIN pin voltage is sufficiently above the battery voltage to begin a
charge cycle (typically +150mV).
vin_gt_4p2v
[1]
N/A
Indicates that the VIN pin voltage is at least greater than the switching regulator under-
voltage lockout level (4.2V typical).
intvcc_gt_2p8v
[0]
N/A
Indicates that the INTVCC pin voltage is greater than the telemetry system lockout level
(2.8V typical).
vbat
0x3A
R
[15:0]
0
Signed number that indicates the A/D measurement for the per-cell battery voltage. The
value is based on the A/D scaling factor for the battery voltage measurement which is
cell_count × 192.4µV/LSB at the BATSENS+ pin.
vin
0x3B
R
[15:0]
0
Signed number that indicates the A/D measurement for the input voltage. The value is
basedontheA/Dscalingfactorfortheinputvoltagemeasurementwhichis1.649mV/LSB.
vout
0x3C
R
[15:0]
0
SignednumberthatindicatestheA/Dmeasurementforthevoutvoltage.Thevalueisbased
on the A/D scaling factor for the output voltage measurement which is 1.653mV/LSB.
REGISTER DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com