Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4162IUFD-FST#PBF Datasheet(PDF) 10 Page - Analog Devices

Part # LTC4162IUFD-FST#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162IUFD-FST#PBF Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC4162IUFD-FST#PBF Datasheet HTML 6Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 7Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 8Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 9Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 10Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 11Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 12Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 13Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
10
LTC4162-F
Rev A
For more information www.analog.com
PIN FUNCTIONS
BOOST (Pin 1): Gate-Drive bias for the high side switch in
the switching regulator. This pin provides a pumped bias
voltage relative to SW. The voltage on this pin is charged
up through an internal diode from INTVCC. A 22nF multi-
layer ceramic capacitor is required from SW to BOOST.
INTVCC (Pin 2): Bypass pin for the internal 5V regulator.
This regulator provides power to the internal analog cir-
cuitry. A 4.7µF multilayer ceramic capacitor is required
from INTVCC to GND.
VOUTA (Pin 3): Analog system power pin. VOUTA powers
the majority of circuits on the LTC4162. A 0.1µF multilayer
ceramic capacitor is required from VOUTA to GND.
CLN (Pin 4): Connection point for the negative terminal
of the sense resistor that measures and regulates input
current by limiting charge current.
CLP (Pin 5): Connection point for the positive terminal
of the sense resistor that measures and regulates input
current by limiting charge current.
INFET (Pin 6): Gate control output pin for an input reverse
blocking external N-channel MOSFET between VIN and
VOUT.
VIN (Pin 7): Supply voltage detection and INFET charge
pump supply for the INFET/BATFET PowerPath. When
voltage at VIN is detected as being high enough to charge a
battery,theINFETcharge-pumpisactivatedandtheBATFET
charge-pump is deactivated thereby powering VOUTA from
the input supply through an external NMOS transistor and
also starting a charge cycle. A 0.1µF multilayer ceramic
capacitor is required from VIN to GND.
VCC2P5 (Pin 8): Bypass pin for the internal 2.5V regula-
tor. This regulator provides power to the internal logic
circuitry. A 1µF multilayer ceramic capacitor is required
from VCC2P5 to GND.
NTCBIAS (Pin 9): NTC thermistor bias output. Connect a
lowtemperaturecoefficientbiasresistorbetweenNTCBIAS
and NTC, and a thermistor between NTC and GND. The
bias resistor should be equal in value to the nominal value
of the thermistor. The LTC4162 applies 1.2V to this pin
during NTC measurement and expects a thermistor β
value of 3490K. Higher β value thermistors can be used
with simple circuit modifications.
TYPICAL PERFORMANCE CHARACTERISTICS
Histogram of iin Readings
Histogram of vin Readings
1.035
1.040
1.045
1.050
1.055
1.060
INPUT CURRENT (A)
0
1000
2000
3000
4000
σ = 1.62mA
4162F G24
12.00
12.01
12.02
12.03
12.04
INPUT VOLTAGE (V)
0
2500
5000
7500
10000
σ = 3.57mV
4162F G25
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com