| Electronic Components Datasheet Search |
|
AS3977 Datasheet(PDF) 20 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3977 Datasheet(HTML) 20 Page - ams AG |
|
20 / 47 page ![]() www.austriamicrosystems.com/AS3977 Revision 3.6 20 - 47 AS3977 Data Sheet - A p p l i c a t i o n I n f o r m a t i o n Figure 6. Operation Mode Relations 9.2 Transmitter Control Interface The AS3977 is controlled by an external micro controller (µC) via. a bi-directional communication interface (serial digital interface, SDI). The SDI enables data to be read from and written to internal control registers without the necessity of an internal clock signal. Analog de-bouncing of clock and data input is implemented in order to improve the overall system reliability. The SDI-control interface includes a state machine, which expects a command control word as first byte and in reference to this byte, the interface is configured as write, read, or transmit operation. This method enables an effective and easy control of basic transmitter functions. Four preset independent output frequencies and two preset independent output power levels and modulation types can be selected using the control-command byte, thus enabling fast channel hopping and/or fast changes to the output power level and modulation type. The selection of the active output frequency and/or power level and modulation type is done using the so-called command byte. As an additional feature, the AS3977 provides a configurable clock signal derived from the crystal frequency. The purpose of this clock signal is to provide a µC clock and to enable data synchronization. A timer is included to power down (Power Down Mode) the transmitter after a certain time, which is defined as 2 16 multiplied with the crystal oscillator- Period. Transmit Mode PLL Enable Mode Clock Enable Mode Power Down Mode External Hardware Reset Power ON ENABLE High Pulse ENABLE is HIGH SPI Command SPI Command ENABLE to LOW for 2 16 XTAL cycles or Software Power Down command via SPI |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |