Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3977 Datasheet(PDF) 22 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 22 Page - ams AG

Back Button AS3977 Datasheet HTML 18Page - ams AG AS3977 Datasheet HTML 19Page - ams AG AS3977 Datasheet HTML 20Page - ams AG AS3977 Datasheet HTML 21Page - ams AG AS3977 Datasheet HTML 22Page - ams AG AS3977 Datasheet HTML 23Page - ams AG AS3977 Datasheet HTML 24Page - ams AG AS3977 Datasheet HTML 25Page - ams AG AS3977 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
22 - 47
AS3977
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9.2.2 Power On Reset
For stable start up of the AS3977 and to avoid unwanted crystal oscillation, it is strongly recommended to perform a power on reset (Hardware
Reset Method). This can be performed as described in Table 19 and must be carried out every time when the supply voltage is less than the
minimum allowed value (see Operating Conditions on page 8).
9.2.3 Writing of Data to Addressable Registers
When the Power Down Mode is left, the level of CLK at the rising edge of ENABLE determines the sampling edge of CLK. If CLK is low, when
ENABLE rises, DATAI is sampled at the falling edge of CLK (see Figure 8 and Figure 9), if CLK is high when ENABLE rises, DATAI is sampled at
the rising edge of CLK.
An Enable LOW pulse indicates the end of the WRITE command after register has been written.
Figure 8 illustrates a write command in which the initialization of DATAIO take over condition is done at the falling edge of CLK signal.
Figure 8. Writing of a Single Byte (falling edge sampling)
Table 19. Power On Reset
Step
Hardware Reset Method
1
Apply Power to the AS3977
2
Apply Enable high pulse (Low-High-Low transition)
3
Power on reset complete after xtal start up + 2
16 xtal cycles
CLK
ENABLE
A5
A4
A3
A2
A1
A0
1
0
D7
D6
D5
D4
D3
D2
D1
D0
DATAIO
In case the ENABLE line has been longer than
2
16 clock cycles low, data take over condition is
determined here
Data D7 is sam-
pled from AS3977
at this edge
ENABLE falling edge sig-
nals end of write
Enable low must be shorter than 2
16 clock cycles to keep the power
conditions and the data takeover condition
Data D4 is trans-
ferred from
Microcontroller
Data D7-D0 is
moved to
Address A5-
A0 here



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com