| Electronic Components Datasheet Search |
|
AS3977 Datasheet(PDF) 24 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3977 Datasheet(HTML) 24 Page - ams AG |
|
24 / 47 page ![]() www.austriamicrosystems.com/AS3977 Revision 3.6 24 - 47 AS3977 Data Sheet - A p p l i c a t i o n I n f o r m a t i o n Figure 10. Reading of a Single Byte (falling edge sampling) Figure 11. Reading of Data with Auto-Incrementing Address DATAI DATAO CLK ENABLE A5 A4 A3 A2 A1 A0 1 0 D7 D6 D5 D4 D3 D2 D1 D0 A5 A4 A3 A2 A1 A0 1 0 D7 D6 D5 D4 D3 D2 D1 D0 DATAIO DATAIO line driver control changes from microcontroller to AS3977 In case the enable has been longer than 2 16 clock cycles low, the power down state is left and data take over condi- tion is determined here Data D7-D0 at Address A5-A0 is trans- ferred to the Output Register of AS3977 Signals end of read Enable low must be shorter than 2 16 clock cycles to keep the power conditions and the data takeover condition 1 0 DATAI (µC Driven) DATAIO CLK ENABLE D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 A 5 A 4 A 3 A 2 A 1 A 0 A 5 A 4 A 3 A 2 A 1 A 0 1 0 DATAO (AS3977 Driven) Data D7-D0 at Address A5-A0 is transferred here Data D7-D0 at Address A5-A0+1 is transferred here Data D7-D0 at Address A5-A0+2 is transferred here Data D7-D0 at Address A5-A0+3 is transferred here Data D7-D0 at Address A5-A0+4 is transferred here |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |