Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF85363ATT1/A Datasheet(PDF) 54 Page - NXP Semiconductors

Part # PCF85363ATT1/A
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATT1/A Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button PCF85363ATT1/A Datasheet HTML 50Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 51Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 52Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 53Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 54Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 55Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 56Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 57Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
Registers labeled as - remain unchanged.
Bit
Address
Register name
7
6
5
4
3
2
1
0
07h
Years
0
0
0
0
0
0
0
0
Second_alarm1
08h
Second_alm1
-
-
-
-
-
-
-
-
Minute_alarm1
09h
Minute_alm1
-
-
-
-
-
-
-
-
Hour_alarm1
0Ah
Hr_xx_xx_00_alm1
-
-
-
-
-
-
-
-
Day_alarm1
0Bh
Hr_xx_00_xx_alm1
-
-
-
-
-
-
-
-
Month_alarm1
0Ch
Hr_00_xx_xx_alm1
-
-
-
-
-
-
-
-
Minute_alarm2
0Dh
Minute_alm2
-
-
-
-
-
-
-
-
Hour_alarm2
0Eh
Hr_xx_00_alm2
-
-
-
-
-
-
-
-
Weekday_alarm2
0Fh
Hr_00_xx_alm2
-
-
-
-
-
-
-
-
10h
Alarm enables
0
0
0
0
0
0
0
0
11h to 16h Timestamp 1
0
0
0
0
0
0
0
0
17h to 1Ch Timestamp 2
0
0
0
0
0
0
0
0
1Dh to 22h Timestamp 3
0
0
0
0
0
0
0
0
23h
Timestamp_mode
0
0
0
0
0
0
0
0
24h
Offset
0
0
0
0
0
0
0
0
25h
Oscillator
0
0
0
0
0
0
0
0
26h
Battery_switch
0
0
0
0
0
0
0
0
27h
Pin_IO
0
0
0
0
0
0
0
0
28h
Function
0
0
0
0
0
0
0
0
29h
INTA_enable
0
0
0
0
0
0
0
0
2Ah
INTB_enable
0
0
0
0
0
0
0
0
2Bh
Flags
0
0
0
0
0
0
0
0
2Ch
RAM_byte
0
0
0
0
0
0
0
0
2Dh
WatchDog
0
0
0
0
0
0
0
0
2Fh
Reset
0
0
0
0
0
0
0
0
Table 61. Registers reset values...continued
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
54 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com