Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF85363ATT1/A Datasheet(PDF) 71 Page - NXP Semiconductors

Part # PCF85363ATT1/A
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATT1/A Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button PCF85363ATT1/A Datasheet HTML 67Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 68Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 69Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 70Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 71Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 72Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 73Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 74Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
17 Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1197-1
- - -
- - -
- - -
sot1197-1_po
11-01-20
12-09-16
Unit(1)
mm
max
nom
min
0.5 0.05
0.00
0.30
0.25
0.20
2.7
2.6
2.5
2.20
2.15
2.10
2.7
2.6
2.5
0.5
2
0.40
0.35
0.30
0.05
A
Dimensions
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
DFN2626-10: plastic thermal enhanced extremely thin small outline package; no leads;
10 terminals; body 2.6 x 2.6 x 0.5 mm
SOT1197-1
A1
A3
0.127
b
D
Dh
E
Eh
1.30
1.25
1.20
e
e1
k
0.2
L
v
0.1
w
0.05
y
0.05
y1
0
1
2 mm
scale
C
y
C
y1
X
D
E
B
A
terminal 1
index area
detail X
A A1
A3
Dh
Eh
k
L
b
e1
e
A
C
B
v
C
w
terminal 1
index area
5
1
6
10
Figure 43. Package outline SOT1197-1 (DFN2626-10), PCF85363ATL
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
71 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com