Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF85363ATT1/A Datasheet(PDF) 64 Page - NXP Semiconductors

Part # PCF85363ATT1/A
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATT1/A Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button PCF85363ATT1/A Datasheet HTML 60Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 61Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 62Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 63Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 64Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 65Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 66Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 67Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
VDD = 0.9 V to 5.5 V; VSS = 0 V; Tamb = -40 °C to +85 °C; fosc = 32.768 kHz; quartz Rs = 60 kΩ; CL = 7 pF; all registers in
reset state; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
-
320
480
nA
Tamb = 50 °C
-
370
550
nA
Tamb = 85 °C
-
590
885
nA
battery switch disabled
[4]
Tamb = 25 °C
-
280
420
nA
Tamb = 50 °C
-
330
500
nA
Tamb = 85 °C
-
550
825
nA
CLKOUT disabled;
VDD = 3.3 V;
interface active;
fSCL = 400 kHz
-
10
-
μA
Reference voltage
HIGH falling VDD
2.4
2.6
2.8
V
HIGH rising VDD
2.5
2.7
2.95
V
LOW falling VDD
1.3
1.4
1.5
V
LOW rising VDD
1.37
1.47
1.6
V
Vth
threshold voltage
reference voltage hysteresis
-
±50
-
mV
Inputs [5]
VI
input voltage
-0.5
-
+5.5
V
VIL
LOW-level input
voltage
-0.5
-
+0.3VDD
V
VIH
HIGH-level input
voltage
0.7VDD
-
5.5
V
VI = VSS or VDD
-
0
-
μA
ILI
input leakage current
post ESD event
-0.5
-
+0.5
μA
Ci
input capacitance
[6] -
-
7
pF
80 kΩ mode
68
80
92
kΩ
RPU(TS)
pull-up resistance on
pin TS
40 kΩ mode
36
40
64
kΩ
Outputs
VOH
HIGH-level output
voltage
on pin CLK, TS
0.8VDD
-
VDD
V
VOL
LOW-level output
voltage
on pins SDA, INTA, CLK, TS
VSS
-
0.2VDD
V
IOH
HIGH-level output
current
output source current;
VOH = 2.9 V;
VDD = 3.3 V;
on pin CLK, TS
1
3
-
mA
Table 67. Static characteristics...continued
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
64 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com