Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF85363ATT1/A Datasheet(PDF) 79 Page - NXP Semiconductors

Part # PCF85363ATT1/A
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATT1/A Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button PCF85363ATT1/A Datasheet HTML 75Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 76Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 77Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 78Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 79Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 80Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 81Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 82Page - NXP Semiconductors PCF85363ATT1/A Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
22 Appendix
22.1 Real-Time Clock selection
Type name
Alarm, Timer,
Watchdog
Interrupt
output
Interface
IDD,
typical (nA)
Battery
backup
Timestamp,
tamper input
AEC-Q100
compliant
Special features
Packages
PCF8563
X
1
I2C
250
-
-
-
-
SO8, TSSOP8,
HVSON10
PCF8564A
X
1
I2C
250
-
-
-
integrated oscillator caps
WLCSP
PCA8565
X
1
I2C
600
-
-
grade 1
high robustness,
Tamb= -40 °C to 125 °C
TSSOP8, HVSON10
PCA8565A
X
1
I2C
600
-
-
-
integrated oscillator caps,
Tamb= -40 °C to 125 °C
WLCSP
PCF85063
-
1
I2C
220
-
-
-
basic functions only, no alarm HXSON8
PCF85063A
X
1
I2C
220
-
-
-
tiny package
SO8, DFN2626-10
PCF85063B
X
1
SPI
220
-
-
-
tiny package
DFN2626-10
PCF85263A
X
2
I2C
230
X
X
-
time stamp, battery backup,
stopwatch 1⁄100 s
SO8, TSSOP10,
TSSOP8, DFN2626-10
PCF85263B
X
2
SPI
230
X
X
-
time stamp, battery backup,
stopwatch 1⁄100s
TSSOP10, DFN2626-10
PCF85363A
X
2
I2C
230
X
X
-
time stamp, battery backup,
stopwatch 1⁄100s, 64 Byte
RAM
TSSOP10, DFN2626-10
PCF85363B
X
2
SPI
230
X
X
-
time stamp, battery backup,
stopwatch 1⁄100s, 64 Byte
RAM
TSSOP10, DFN2626-10
PCF8523
X
2
I2C
150
X
-
-
lowest power 150 nA in
operation, FM+ 1 MHz
SO8, HVSON8,
TSSOP14, WLCSP
PCF2123
X
1
SPI
100
-
-
-
lowest power 100 nA in
operation
TSSOP14, HVQFN16
PCF2127
X
1
I2C and
SPI
500
X
X
-
temperature compensated,
quartz built in, calibrated, 512
Byte RAM
SO16
PCF2127A
X
1
I2C and
SPI
500
X
X
-
temperature compensated,
quartz built in, calibrated, 512
Byte RAM
SO20
PCF2129
X
1
I2C and
SPI
500
X
X
-
temperature compensated,
quartz built in, calibrated
SO16
PCF2129A
X
1
I2C and
SPI
500
X
X
-
temperature compensated,
quartz built in, calibrated
SO20
PCA2129
X
1
I2C and
SPI
500
X
X
grade 3
temperature compensated,
quartz built in, calibrated
SO16
PCA21125
X
1
SPI
820
-
-
grade 1
high robustness,
Tamb= -40 °C to 125 °C
TSSOP14
Table 71. Selection of Real-Time Clocks
23 Abbreviations
Acronym
Description
BCD
Binary Coded Decimal
CMOS
Complementary Metal Oxide Semiconductor
ESD
ElectroStatic Discharge
HBM
Human Body Model
I2C
Inter-Integrated Circuit
IC
Integrated Circuit
LSB
Least Significant Bit
Table 72. Abbreviations
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
79 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com