Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474XC Datasheet(PDF) 136 Page - STMicroelectronics

Part # STM32G474XC
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474XC Datasheet(HTML) 136 Page - STMicroelectronics

Back Button STM32G474XC Datasheet HTML 132Page - STMicroelectronics STM32G474XC Datasheet HTML 133Page - STMicroelectronics STM32G474XC Datasheet HTML 134Page - STMicroelectronics STM32G474XC Datasheet HTML 135Page - STMicroelectronics STM32G474XC Datasheet HTML 136Page - STMicroelectronics STM32G474XC Datasheet HTML 137Page - STMicroelectronics STM32G474XC Datasheet HTML 138Page - STMicroelectronics STM32G474XC Datasheet HTML 139Page - STMicroelectronics STM32G474XC Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 236 page
background image
Electrical characteristics
STM32G474xB STM32G474xC STM32G474xE
136/236
DS12288 Rev 4
Figure 27. Recommended NRST pin protection
1. The reset network protects the device against parasitic resets.
2. The user must ensure that the level on the NRST pin can go below the VIL(NRST) max level specified in
Table 58: NRST pin characteristics. Otherwise the reset is not taken into account by the device.
3. The external capacitor on NRST must be placed as close as possible to the device.
5.3.16
High-resolution timer (HRTIM)
The parameters given in Table 59 are derived from tests performed under ambient
temperature and supply voltage conditions summarized in Table 17.
MS19878V3
RPU
VDD
Internal reset
External
reset circuit
(1)
NRST
(2)
Filter
0.1 μF
Table 59. HRTIM characteristics(1)
1. Data based on characterization results, not tested in production.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
TA
Timer ambient
temperature range
fHRTIM=170 MHz
-40
-
125
°C
fHRTIM
HRTIM input clock
for DLL calibration
As per TA conditions
--
170
MHz
tHRTIM
5.88
-
-
ns
tRES(HRTIM)
high-resolution
step size
fHRTIM=170 MHz,
TA from -40 to 105°C
-
184
-
ps
ResHRTIM
Timer resolution
-
-
-
16
bit
tDTG
Dead time
generator clock
period
-0.125
-
16
tHRTIM
fHRTIM=170 MHz
0.735
-
94.1
ns
|tDTR| / |tDTF|
max
Dead time range
(absolute value)
--
-
511
tDTG
fHRTIM=170 MHz
-
-
48.09
µs
fCHPFRQ
Chopper stage
clock frequency
-
1/256
-
1/16
fHRTIM
fHRTIM=170 MHz
0.664
-
10.625
MHz
t1STPW
Chopper first
pulse length
-16
-
256
tHRTIM
fHRTIM=170 MHz
0.094
-
1.506
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com