Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474XC Datasheet(PDF) 138 Page - STMicroelectronics

Part # STM32G474XC
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474XC Datasheet(HTML) 138 Page - STMicroelectronics

Back Button STM32G474XC Datasheet HTML 134Page - STMicroelectronics STM32G474XC Datasheet HTML 135Page - STMicroelectronics STM32G474XC Datasheet HTML 136Page - STMicroelectronics STM32G474XC Datasheet HTML 137Page - STMicroelectronics STM32G474XC Datasheet HTML 138Page - STMicroelectronics STM32G474XC Datasheet HTML 139Page - STMicroelectronics STM32G474XC Datasheet HTML 140Page - STMicroelectronics STM32G474XC Datasheet HTML 141Page - STMicroelectronics STM32G474XC Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 236 page
background image
Electrical characteristics
STM32G474xB STM32G474xC STM32G474xE
138/236
DS12288 Rev 4
5.3.17
Extended interrupt and event controller input (EXTI) characteristics
The pulse on the interrupt input must have a minimal length in order to guarantee that it is
detected by the event controller.
Table 62. HRTIM output response to external events 1 to 10 (Synchronous mode (1))
Symbol
Parameter
Conditions
Min. Typ. Max.(2)
Unit
tLAT(DEEV)
Digital external event
response latency
Propagation delay from HRTIM1_EEVx
digital input to HRTIM_CHxy output pin
(30pF load) (3)
-56
66
ns
tLAT(AEEV)
Analog external event
response latency
Propagation delay from COMPx_INP
input pin to HRTIM_CHxy output pin
(30pF load) (3)
-62
76
ns
tW(EEV)
Minimum external event
pulse width
-7
-
-
ns
TJIT(EEV)
External event response
jitter
Jitter of the delay from HRTIM1_EEVx
digital input or COMPx_INP to
HRTIM_CHxy output pin
--
1
tHRTIM (4)
1. EExFAST bit in HRTIM_EECR1 or HRTIM_EECR2 register is cleared (synchronous mode). External event filtering is
disabled, i.e. EExF[3:0]=0000 in HRTIM_EECR2 register. Refer to Latency to external events paragraph in HRTIM section
of RM0440.
2. Data based on characterization results, not tested in production.
3. This parameter is given for fHRTIM = 170 MHz.
4. THRTIM = 1 / fHRTIM with fHRTIM= 170 MHz.
Table 63. HRTIM synchronization input / output(1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
tW(SYNCIN)
Minimum pulse width on
SYNCIN inputs, including
HRTIM_SCIN
-2
-
-
tHRTIM
tRES(ESR)
Response time to external
synchronization request
-
--3
tHRTIM
tW(SYNCOUT)
Pulse width on
HRTIM_SCOUT output
--
16
-
tHRTIM
fHRTIM=170 MHz
-
94.1
-
ns
1. Guaranteed by design, not tested in production.
Table 64. EXTI input characteristics(1)
1. Guaranteed by design.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
PLEC
Pulse length to event
controller
-20
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com