Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474XC Datasheet(PDF) 137 Page - STMicroelectronics

Part # STM32G474XC
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474XC Datasheet(HTML) 137 Page - STMicroelectronics

Back Button STM32G474XC Datasheet HTML 133Page - STMicroelectronics STM32G474XC Datasheet HTML 134Page - STMicroelectronics STM32G474XC Datasheet HTML 135Page - STMicroelectronics STM32G474XC Datasheet HTML 136Page - STMicroelectronics STM32G474XC Datasheet HTML 137Page - STMicroelectronics STM32G474XC Datasheet HTML 138Page - STMicroelectronics STM32G474XC Datasheet HTML 139Page - STMicroelectronics STM32G474XC Datasheet HTML 140Page - STMicroelectronics STM32G474XC Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 236 page
background image
DS12288 Rev 4
137/236
STM32G474xB STM32G474xC STM32G474xE
Electrical characteristics
201
Table 60. HRTIM output response to fault protection(1)
1. Refer to Fault paragraph in HRTIM section of RM0440.
Symbol
Parameter
Conditions
Min.
Typ. Max.(2)
2. Data based on characterization results, not tested in production.
Unit
tLAT(DF)
Digital fault response
latency
Propagation delay from
HRTIM1_FLTx digital input to
HRTIM_CHxy output pin
-9
20
ns
tW(FLT)
Minimum Fault pulse
width
-7
-
-
tLAT(AF)
Analog fault response
latency
Propagation delay from
comparator COMPx_INP input
pin to HRTIM_CHxy output pin
-16
31
Table 61. HRTIM output response to external events 1 to 5
(Low-Latency mode(1))
1. EExFAST bit in HRTIM_EECR1 register is set (Low Latency mode). This functionality is available on
external events channels 1 to 5. Refer to Latency to external events paragraph in HRTIM section of
RM0440.
Symbol
Parameter
Conditions
Min Typ(2)
2. Data based on characterization results, not tested in production.
Max(2)
Unit
tLAT(DEEV)
Digital external event
response latency
Propagation delay from
HRTIM1_EEVx digital input to
HRTIM_CHxy output pin (30pF
load)
-12
23
ns
tW(EEV)
Minimum external
event pulse width
-7
-
-
tLAT(AEEV)
Analog external event
response latency
Propagation delay from
comparator COMPx_INP input
pin to HRTIM_CHxy output pin
(30pF load)
-19
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com