Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS2113T-2-V/G4 Datasheet(PDF) 22 Page - Microchip Technology

Part # UCS2113T-2-V/G4
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113T-2-V/G4 Datasheet(HTML) 22 Page - Microchip Technology

Back Button UCS2113T-2-V/G4 Datasheet HTML 18Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 19Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 20Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 21Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 22Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 23Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 24Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 25Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
UCS2113
DS20005680B-page 22
 2016-2021 Microchip Technology Inc. and its subsidiaries
6.0
USB PORT POWER SWITCH
To
assure
compliance
to
various
charging
specifications, the UCS2113 contains a USB port
power switch that supports two current-limiting modes:
Trip and Constant current (variable slope). The current
limit (ILIM) is pin selectable (and may be updated via
the register set). The switch also includes soft start
circuitry and a separate short circuit current limit.
The port power switch is on in the Active state (except
when VBUS is discharging).
6.1
Current Limiting
6.1.1
CURRENT LIMIT SETTING
The UCS2113 hardware set current limit, ILIM, can be
one of eight values. This resistor value is read once
upon UCS2113 power-up. The current limit can be
changed via the SMBus/I2C after power-up; however,
the programmed current limit cannot exceed the hard-
ware set current limit. Unless connected to VDD, the
resistors in Table 6-1 are pull-down resistors.
At power-up, the communication mode (Stand-Alone
or SMBus/I2C) and hardware current limit (ILIM) are
determined via the pull-down resistor (or pull-up
resistor if connected to VDD) on the COMM_ILIM pin,
as shown in Table 6-1.
6.1.2
SHORT CIRCUIT OUTPUT
CURRENT LIMITING
Short circuit current limiting occurs when the output
current is above the selectable current limit (ILIMx).
This event will be detected and the current will
immediately be limited (within tSHORT_LIM time). If the
condition remains, the port power switch will flag an
Error condition and enter the Error state.
6.1.3
SOFT START
When the PWR_EN control changes states to enable the
port power switch, the UCS2113 invokes a soft start
routine for the duration of the VBUS rise time (tR_BUS).
This soft start routine will limit current flow from VS into
VBUS while it is active. This circuitry will prevent current
spikes due to a step in the portable device current draw.
In the case when a portable device is attached while the
PWR_EN pin is already enabled, if the bus current
exceeds ILIM, the UCS2113 current limiter will respond
within a specified time (tSHORT_LIM) and will operate
normally at this point. The CBUS capacitor will deliver the
extra current, if any, as required by the load change.
6.1.4
CURRENT LIMITING MODES
The UCS2113 current limiting has two modes: Trip and
Constant Current (variable slope). Either mode
functions at all times when the port power switch is
closed.
6.1.4.1
Trip Mode
When using Trip current limiting, the UCS2113 USB
port power switch functions as a low-resistance switch
and rapidly turns off if the current limit is exceeded.
While operating using Trip current limiting, the VBUS
output voltage will be held relatively constant (equal to
the VS voltage minus the RON xIBUS current) for all
current values up to the ILIM.
If the current drawn by a portable device exceeds ILIM,
the following occurs:
1.
The port power switch will be turned off (Trip
action).
2.
The UCS2113 will enter the Error state and
assert the ALERT# pin.
3.
The fault handling circuitry will then determine
subsequent actions.
TABLE 6-1:
ILIM DECODE
COMM_ILIM
Pulldown
Resistor
(±1%)
PWR_EN1
and
PWR_EN2
Polarity
ILIM (A)
Total ILIM
(A)
(Note 1)
GND
Active-High
0.53
0.53+0.53
10 kΩ
Active-High
0.96
0.96+0.96
12 kΩ
Active-High
1.07
1.07+1.07
15 kΩ
Active-High
1.28
1.28+1.28
18 kΩ
Active-High
1.6
1.6+1.6
22 kΩ
Active-High
2.13
2.13+2.13
27 kΩ
Active-High
2.67
2.67+2.67
33 kΩ
Active-High
3.2
3.2+3.2
47 kΩ
Active-Low
0.53
0.53+0.53
56 kΩ
Active-Low
0.96
0.96+0.96
68 kΩ
Active-Low
1.07
1.07+1.07
82 kΩ
Active-Low
1.28
1.28+1.28
100 kΩ
Active-Low
1.6
1.6+1.6
120 kΩ
Active-Low
2.13
2.13+2.13
150 kΩ
Active-Low
2.67
2.67+2.67
VDD
Active-Low
3.2
3.2+3.2
Note 1: The total maximum current depends on
power dissipation characteristics of the
design (see Table 1-1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com