Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS2113T-2-V/G4 Datasheet(PDF) 37 Page - Microchip Technology

Part # UCS2113T-2-V/G4
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113T-2-V/G4 Datasheet(HTML) 37 Page - Microchip Technology

Back Button UCS2113T-2-V/G4 Datasheet HTML 33Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 34Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 35Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 36Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 37Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 38Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 39Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 40Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 62 page
background image
 2016-2021 Microchip Technology Inc. and its subsidiaries
DS20005680B-page 37
UCS2113
REGISTER 8-4:
INTERRUPT STATUS 2 REGISTER (ADDRESS 04H)
R/W-0
R/C-0
R-0
R/C-0
R/C-0
U-0
R/C-0
R/C-0
ERR2
DISCH_ERR2
VS_LOW
KEEP_OUT2
TSD_LOW
—
BACK_V2
OV_LIM2
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
C = Clear on Read
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
ERR2: Error Port 2 - Indicates that an error was detected on the VBUS1 pin and the device has entered
the Error state. Writing this bit to a ‘0’ will clear the Error state and allows the device to be returned to
the Active state. When written to ‘0’, all error conditions are checked. If all error conditions have been
removed, the UCS2113 returns to the Active state. This bit is set automatically by the UCS2113 when
the Error state is entered. If any other bit is set in the Interrupt Status register (04h), the device will not
leave the Error state. This bit is cleared automatically by the UCS2113 if the auto-recovery fault handling
functionality is active and no error conditions are detected. Likewise, this bit is cleared when the
PWR_EN2 control is disabled (Note 1).
1 = Port 2 in Error State
0 = Port 2 in Active State (no errors detected)
bit 6
DISCH_ERR2: Discharge Error Port 2 - Indicates the device was unable to discharge Port2. This bit will
be cleared when read if the error condition has been removed or if the ERR bit is cleared. This bit will
cause the ALERT#2 pin to be asserted and the device to enter the Error state.
1 = Device was unable to Discharge VBUS2
0 = No VBUS2 discharge error
bit 5
VS_LOW: Indicates that the VS voltage has fallen below the VS_UVLO threshold and both VBUS1 and
VBUS2 port power switches are held off. This bit is cleared automatically when the VS voltage is above
the VS_UVLO threshold.
1 =VS voltage has fallen below the VS_UVLO
0 =VS voltage is above VS_UVLO
bit 4
KEEP_OUT2: Port 2 Minimum Keep-out region - Indicates that the V-I output on the VBUS2 pin has
dropped below VBUS_MIN. This bit will be cleared when read if the error condition has been removed or
if the ERR2 bit is cleared. This bit will cause the ALERT#2 pin to be asserted and the device to enter the
Error state.
1 =VBUS2 < VBUS_MIN
0 =VBUS2 > VBUS_MIN
bit 3
TSD_LOW: Indicates that the die temperature has exceeded the TTSD_LOW threshold and it is still above
the TTSD_LOW - TTSD_LOW_HYST. This bit is cleared automatically when the die temperature is below
the TTSD_LOW -TTSD_LOW_HYST. This bit will not cause the corresponding ALERT#1 and/or
ALERT#2 pins to be asserted and ERR1 and/or ERR2 bits to be set unless:
• a power switch operates in constant current mode
• PWR_EN1 and/or PWR_EN2 controls transition from inactive to active
• it is a power up situation and PWR_EN1 and/or PWR_EN2 pins are active.
1 = Internal die temperature has exceeded TTSD_LOW
0 = Internal die temperature has not exceeded TTSD_LOW
bit 2
Unimplemented: Read as '0'
bit 1
BACK_V2: Back-Bias Voltage Port 2 - Indicates that the VBUS2 voltage has exceeded the VS or VDD
voltages by more than 150 mV. This bit will be cleared when read if the error condition has been removed
or if the ERR2 bit is cleared. This bit will cause the ALERT#2 pin to be asserted and the device to enter
the Error state.
1 =VBUS2 > VS, or VBUS2 > VDD by more than 150 mV
0 =VBUS2 voltage has not exceeded the VS and VDD voltages by more than 150 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com