Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS2113T-2-V/G4 Datasheet(PDF) 25 Page - Microchip Technology

Part # UCS2113T-2-V/G4
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113T-2-V/G4 Datasheet(HTML) 25 Page - Microchip Technology

Back Button UCS2113T-2-V/G4 Datasheet HTML 21Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 22Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 23Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 24Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 25Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 26Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 27Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 28Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 62 page
background image
 2016-2021 Microchip Technology Inc. and its subsidiaries
DS20005680B-page 25
UCS2113
6.3
Thermal Protection
The UCS2113 utilizes two-stage internal thermal
management. The first is triggered when the die
temperature exceeds TTSD_LOW threshold and the
second is triggered when the die temperature exceeds
TTSD_HIGH threshold.
6.3.0.1
THE FIRST THERMAL
SHUTDOWN STAGE (TTSD_LOW)
The first stage turns off the individual power switch
channel when the die temperature exceeds TTSD_LOW
threshold and a power switch operates in constant
current mode. It also causes the corresponding
channel to enter in error state and the corresponding
ALERT# pin will be asserted.
When an over-current condition appears, the power
switch operates in constant current mode for the
duration of tMASK time. Because of the increased
voltage drop across the switch, the die temperature
increases. If the die temperature exceeds TTSD_LOW
threshold before the expiration of the tMASK time, then
the power switch will open immediately.
If the TTSD_LOW threshold has been exceeded, but the
die temperature has not decreased below the
TTSD_LOW recovery threshold, then the power switch
cannot be closed when commanded by the PWR_EN1
or PWR_EN2 controls in the following situations:
• PWR_EN1 and/or PWR_EN2 controls transition
from inactive to active.
• it is a power up situation and PWR_EN1 and/or
PWR_EN2 pins are active.
In these situations, the corresponding channel will
enter in error state and the corresponding ALERT# pin
will be asserted.
The first thermal shutdown stage allows the two ports
to work independently, by preventing the die
temperature to increase during over-current conditions
and to exceed the maximum allowable temperature
(TTSD_HIGH).
The error state will persist and the power switches can
not be closed until the temperature is below
TTSD_LOW -TTSD_LOW_HYST.
6.3.0.2
THE SECOND THERMAL
SHUTDOWN STAGE (TTSD_HIGH)
The second thermal protection stage turns off both
power switches when the die temperature exceeds
TTSD_HIGH threshold, regardless of whether the power
switch channels are in current limit. It also causes both
channels to enter in error state and both ALERT#1 and
ALERT#2 pins to be asserted.
The error state will persist and the power switches
cannot be closed until the temperature is below
TTSD_HIGH - TTSD_HIGH_HYST.
6.4
VBUS Discharge
When the EN_VBUS_DISCHG bit from General
Configuration 2 Register is set (by default it is not set),
the UCS2113 will discharge VBUS through an internal
100
 resistor when at least one of the following
conditions occur:
• The PWR_EN control is disabled (triggered on the
inactive edge of the PWR_EN control).
• The VS voltage drops below a specified threshold
(VS_UVLO) that causes the port power switch to be
disabled.
• When commanded into the Sleep power state.
• Upon recovery from the Error state.
• When commanded via the SMBus in the Active
state.
When the automatic VBUS discharge circuitry is
activated, the UCS2113 will confirm that VBUS was
discharged at the end of the tDISCHARGE time. If the
VBUS voltage is not below the VTEST level, a discharge
error will be flagged (by setting the DISCH_ERR(1/2)
status bit) and the UCS2113 will enter the Error state.
When the EN_VBUS_DISCHG bit from General
Configuration 2 Register is not set (default setting), the
automatic VBUS discharges described above are
disabled. In this case, the SMBus host must set and
clear bits DISCHG_LOAD1 and DISCHG_LOAD2 from
the Current Limit Behavior Registers, to discharge the
VBUS1 and VBUS2. Setting the DISCHG_LOAD1 and
DISCHG_LOAD2 bits connects the internal 100
resistor to discharge the corresponding VBUS path.
This functionality doesn't use any timers. The
discharge time is controlled by the SMBus host, which
must clear this bit when its internal timer expires.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com