Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS2113T-2-V/G4 Datasheet(PDF) 28 Page - Microchip Technology

Part # UCS2113T-2-V/G4
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113T-2-V/G4 Datasheet(HTML) 28 Page - Microchip Technology

Back Button UCS2113T-2-V/G4 Datasheet HTML 24Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 25Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 26Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 27Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 28Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 29Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 30Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 31Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
UCS2113
DS20005680B-page 28
 2016-2021 Microchip Technology Inc. and its subsidiaries
6.6
Fault Handling Mechanism
The UCS2113 has two modes for handling faults:
• Latch (latch-upon-fault)
• Auto-recovery (automatically attempt to restore
the Active power state after a fault occurs).
If the SMBus is actively utilized, Auto-Recovery Fault
Handling is the default error handler as determined by
the LATCH_SET bit. Faults include overcurrent,
overvoltage (on VS), undervoltage (on VBUS),
back-voltage (VBUS to VS or VBUS to VDD), discharge
error, and maximum allowable internal die temperature
(TTSD_HIGH) exceeded. Fault conditions also include
the situations when TTSD_LOW die temperature has
been exceeded and any of the following conditions are
met:
• a power switch operates in constant current mode
• PWR_EN1 and/or PWR_EN2 controls transition
from inactive to active.
• it is a power up situation and PWR_EN1 and/or
PWR_EN2 pins are active.
Faults do not include:
• keep-out violations except VBUS_MIN.
•TTSD_LOW die temperature has been exceeded
and any of the following conditions are met:
- the power switch is closed at the time when
TTSD_LOW is reached and it is not in constant
current mode.
- the power switch remains open (PWR_EN1
and/or PWR_EN2 controls are not active).
6.6.1
AUTO-RECOVERY FAULT
HANDLING
When the LATCH_SET bit is low, Auto-Recovery Fault
Handling is used. When an error condition is detected,
the UCS2113 will immediately enter the Error state
and assert the ALERT# pin. Independently from the
host controller, the UCS2113 will wait a preset time
(tCYCLE), check error conditions (tTST), and restore
Active operation if the error condition(s) no longer
exist. If all other conditions that may cause the
ALERT# pin to be asserted have been removed, the
ALERT#
pin
will
be
released.
Short-Circuit
Auto-Recovery example in Figure 6-6.
FIGURE 6-6:
Error Recovery.
6.6.2
LATCHED FAULT HANDLING
When the LATCH_SET bit is high, latch fault handling
is used. When an error condition is detected, the
UCS2113 will enter the Error power state and assert
the ALERT# (1 or 2) pin. Upon command from the host
controller (by toggling the PWR_EN (1, or 2) pin
control from enabled to disabled or by clearing the
ERR bit via SMBus), the UCS2113 will check error
conditions once and restore Active operation if error
conditions no longer exist. If an error condition still
exists, the host controller is required to issue the
command again to check error conditions.
If the ALERT# pin is asserted and the interrupt status
registers (addresses 03h or 04h) are not read, the
corresponding ALERT# pin remains asserted until the
corresponding PWR_EN pin is toggled.
If the ALERT# pin is asserted and the interrupt status
registers are read, the ALERT# pin will deassert, but
the UCS will remain in error state until the ERR bit is
cleared via SMBus or the PWR_EN pin is toggled.
tTST
VBUS
IBUS
SHORT
applied.
ITEST
tDISCHARGE
ITEST
VTEST
Short Detected. VBUS
discharged. Enter
Error state.
Check short
condition. Short
still present.
Return to Error
State.
Wait tCYCLE.
Wait tCYCLE.
Check short
condition. Short
removed.
Return to
normal
operation.
tCYCLE
tCYCLE
tTST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com