Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT54ACS164245SWC Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # UT54ACS164245SWC
Description  RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS164245SWC Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  UT54ACS164245SWC Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
DC ELECTRICAL CHARACTERISTICS 1
( -55
°C < T
C < +125°C) (T C = -55 °
°C to +125°°C for "C" screening and -40°°C to +125 °°C for "W" screening)
SYMBOL
PARAMETER
CONDITION
MIN
MAX
UNIT
V
T+
Schmitt Trigger, positive going threshold2
V
DD from 3.00 to 5.5
.7V
DD
V
VT-
Schmitt Trigger, negative going threshold
2
VDD from 3.00 to 5.5
.3VDD
V
VH1
Schmitt Trigger range of hysteresis10
V
DD from 4.5 to 5.5
0.6
V
VH2
Schmitt Trigger range of hysteresis10
VDD from 3.00 to 3.6
0.4
V
IIN
Input leakage current10
VDD from 3.6 to 5.5
VIN = VDD or VSS
-1
3
µA
I
OZ
Three-state output leakage current10
V
DD from 3.6 to 5.5
VIN = VDD or VSS
-1
3
µA
I
CS
Cold sparing leakage current3
V
IN = 5.5
VDD = VSS
-1
5
µA
I
OS1
Short-circuit output current 6, 11
V
O = VDD or VSS
VDD from 4.5 to 5.5
-200
200
mA
I
OS2
Short-circuit output current
6, 11
V
O = VDD or VSS
VDD from 3.00 to 3.6
-100
100
mA
VOL1
Low-level output voltage
4, 10
IOL= 8mA
IOL= 100µA
V
DD = 4 .5
0.4
0.2
V
VOL2
Low-level output voltage
4, 10
IOL= 8mA
I
OL= 100µA
VDD = 3.00
0.5
0.2
V
VOH1
High-level output voltage4, 10
IOH= -8mA
I
OH= -100µA
VDD = 4.5
VDD - 0.7
VDD - 0.2
V
V
OH2
High-level output voltage4, 10
IOH= -8mA
IOH= -100µA
V
DD = 3 .00
V
DD - 0.9
VDD - 0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com