Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT54ACS164245SWC Datasheet(PDF) 12 Page - Aeroflex Circuit Technology

Part # UT54ACS164245SWC
Description  RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS164245SWC Datasheet(HTML) 12 Page - Aeroflex Circuit Technology

Back Button UT54ACS164245SWC Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 9Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 10Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 11Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 12Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 13Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 14Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
ORDERING INFORMATION
UT54ACS164245S: SMD
Lead Finish:
(C) =
Gold
Case Outline:
(X) =
48 lead BB FP (Gold only)
Class Designator:
(Q) =
Class Q
(V) =
Class V
Device Type
(01) = 16-bit MultiPurpose Transceiver (3.13V - 5.5V)
(02) = 16-bit MultiPurpose Transceiver (3.0V - 5.5V)
(03) = Extended Industrial Temp (-40oC to +125oC)
Drawing Number: 98580
Total Dose:
(R)
=
1E5 rad(Si)
Federal Stock Class Designator: No options
5962
R 98580 **
*
*
*
Notes:
1. Total dose radiation must be specified when ordering. QML Q and QML V not available without radiation hardening.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com