Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT54ACS164245SWC Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # UT54ACS164245SWC
Description  RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS164245SWC Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button UT54ACS164245SWC Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 9Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Notes:
1. All specifications valid for radiation dose
≤ 1E5 rad(Si) per MIL-STD-883, Method 1019.
2. Functional tests are conducted in accordance with MIL-STD-883 with the following input test conditions: V IH = VIH (min) + 20%, - 0%; VIL = VIL(max) + 0%,
- 50%, as specified herein, for TTL, CMOS, or Schmitt compatible inputs. Devices may be tested using any input voltage within th e above specified range, but
are guaranteed to VIH (min) and VIL (max).
3. All combinations of OEx and DIRx
4. Per MIL-PRF-38535, for current density
≤ 5.0E5 amps/cm 2, the maximum product of load capacitance (per output buffer) times frequency should not exceed
3,765 pF-MHz.
5. Guaranteed by characterization.
6. Not more than one output may be shorted at a time for maximum duration of one second.
7. Power does not include power contribution of any CMOS output sink current.
8. Power dissipation specified per switching output.
9.Capacitance measured for initial qualification and when design changes may affect the value. Capacitance is measured between the designated terminal and VSS
at frequency of 1MHz and a signal amplitude of 50mV rms maximum.
1 0.Guaranteed; tested on a sample of pins per device.
11. Supplied as a design limit, but not guaranteed or tested.
.
P
total1
Power dissipation
5,7, 8
C
L = 50pF
VDD from 4.5 to 5.5
2.0
mW/
MHz
Ptotal2
Power dissipation
5, 7, 8
CL = 50pF
V
DD from 3.00 to 3.6
1.5
mW/
MHz
IDD
Standby Supply Current VDD1 or VDD2
Pre-Rad 25oC
Pre-Rad -55oC to +125oC
Post-Rad 25oC
VIN = VDD or VSS
V
DD = 5 .5
OE=VDD
OE=VDD
OE=VDD
10
100
500
µA
µA
µA
CIN
Input capacitance 9
ƒ = 1MHz @ 0V
VDD from 3.00 to 5.5
15
pF
C
OUT
Output capacitance9
ƒ = 1MHz @ 0V
V
DD from 3.00 to 5.5
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com