Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC572L64F2 Datasheet(PDF) 110 Page - STMicroelectronics

Part # SPC572L64F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 104Page - STMicroelectronics SPC572L64F2 Datasheet HTML 105Page - STMicroelectronics SPC572L64F2 Datasheet HTML 106Page - STMicroelectronics SPC572L64F2 Datasheet HTML 107Page - STMicroelectronics SPC572L64F2 Datasheet HTML 108Page - STMicroelectronics SPC572L64F2 Datasheet HTML 109Page - STMicroelectronics SPC572L64F2 Datasheet HTML 110Page - STMicroelectronics SPC572L64F2 Datasheet HTML 111Page - STMicroelectronics SPC572L64F2 Datasheet HTML 112Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 110 / 112 page
background image
Revision history
SPC572Lx
110/112
DocID027866 Rev 5
18-May-2015
3
(cont.)
Section 3.17.5, GPIO delay timing:
Added this section.
Replaced “four” with “three” in the table footnotes in Table 51 (eTQFP80 –
STMicroelectronics package mechanical data) and Table 52 (eTQFP100 –
STMicroelectronics package mechanical data).
Table 51 (eTQFP80 – STMicroelectronics package mechanical data):
Second note removed from E2 parameter and added to E3 parameter.
Table 53 (Thermal characteristics for eTQFP80):
Updated the table and its values.
Table 54 (Thermal characteristics for eTQFP100):
Updated the table and its values.
Table 60 (Order codes (ST))
Updated the table.
15-Jun-2017
4
Following are the changes in this version of the Datasheet:
Replaced eLQFP100 with eTQFP100 throughout the document.
Removed all requirement tagging from the document.
Replaced RPNs: SPC572L64F2B, SPC572L64E3B with SPC572Lx.
Replaced SPC572LxB with SPC572Lx.
Replaced bullet point “On-chip voltage...” with “Single 5V +/-10%....” on the cover page.
Table 1 (Device summary):
– Updated the table.
Table 2 (SPC572Lx device feature summary):
– Updated the notes of “External power supplies”
Section 3.4: Electromagnetic Compatibility (EMC):
– Updated the section.
Table 9 (Device operating conditions):
– Updated the values of parameter VDD_LV.
– Updated notes in the table.
Removed section: “Temperature profile.”
Table 26 (SDn ADC electrical specification):
– Updated the values for RBIAS parameter.
– Added parameters ZDIFF, ZCM, and ΔVINTCM.
Table 31 (Voltage regulator electrical characteristics):
– Added parameter CDECFLA
Table 32 (Voltage monitor electrical characteristics):
– Added parameter VLVD108
Section 4.3: eTQFP100 case drawing:
– Updated the Figure 39: eTQFP100 – STMicroelectronics package mechanical
drawing.
– Updated the Table 52 (eTQFP100 – STMicroelectronics package mechanical data).
Section 5: Ordering information:
– Removed table: Order codes (ST).
Added Figure 40: Product code structure.
Table 55. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com