Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA369BWS Datasheet(PDF) 45 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STA369BWS_V01 Datasheet HTML 41Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 42Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 43Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 44Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 45Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 46Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 47Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 48Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 92 page
background image
DocID016861 Rev 7
45/92
STA369BWS
Register description
92
Invalid input detect mute enable
Setting the IDE bit enables this function, which looks at the input I2S data and automatically
mutes if the signals are perceived as invalid.
Binary output mode clock loss detection
Detects loss of input MCLK in binary mode and will output 50% duty cycle.
LRCK double trigger protection
LDTE, when enabled, prevents double trigger of LRCLK on instable I2S input.
Auto EAPD on clock loss
When active, issues a power device power down signal (EAPD) on clock loss detection.
IC power down
Table 45. Invalid input detect mute enable
Bit
R/W
RST
Name
Description
2
R/W
1
IDE
0: disables the automatic invalid input detect mute
1: enables the automatic invalid input detect mute
Table 46. Binary output mode clock loss detection
Bit
R/W
RST
Name
Description
3
R/W
1
BCLE
0: binary output mode clock loss detection disabled
1: binary output mode clock loss detection enable
Table 47. LRCK double trigger protection
Bit
R/W
RST
Name
Description
4
R/W
1
LDTE
0: LRCLK double trigger protection disabled
1: LRCLK double trigger protection enabled
Table 48. Auto EAPD on clock loss
Bit
R/W
RST
Name
Description
5
R/W
0
ECLE
0: auto EAPD on clock loss not enabled
1: auto EAPD on clock loss
Table 49. IC power down
Bit
R/W
RST
Name
Description
6
R/W
1
PWDN
0: IC power down low-power condition
1: IC normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com