Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA369BWS Datasheet(PDF) 47 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STA369BWS_V01 Datasheet HTML 43Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 44Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 45Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 46Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 47Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 48Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 49Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 50Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 92 page
background image
DocID016861 Rev 7
47/92
STA369BWS
Register description
92
7.2.1
Mute/line output configuration register (addr 0x06)
Line output is only active when OCFG = 00. In this case LOC determines the line output
configuration. The source of the line output is always the channel 1 and 2 inputs.
7.2.2
Master volume register (addr 0x07)
7.2.3
Channel 1 volume (addr 0x08)
7.2.4
Channel 2 volume (addr 0x09)
D7
D6
D5
D4
D3
D2
D1
D0
LOC1
LOC0
Reserved
Reserved
C3M
C2M
C1M
Reserved
00000000
Table 51. Line output configuration
LOC[1:0]
Line output configuration
00
Line output fixed - no volume, no EQ
01
Line output variable - channel 3 volume effects line output, no EQ
10
Line output variable with EQ - channel 3 volume effects line output
D7
D6
D5
D4
D3
D2
D1
D0
MVOL7
MVOL6
MVOL5
MVOL4
MVOL3
MVOL2
MVOL1
MVOL0
11111111
Table 52. Master volume offset as a function of MVOL[7:0]
MVOL[7:0]
Volume offset from channel value
00000000 (0x00)
0 dB
00000001 (0x01)
-0.5 dB
00000010 (0x02)
-1 dB
……
01001100 (0x4C)
-38 dB
……
11111110 (0xFE)
-127.5 dB
11111111 (0xFF)
Default mute, not to be used during operation
D7
D6
D5
D4
D3
D2
D1
D0
C1VOL7
C1VOL6
C1VOL5
C1VOL4
C1VOL3
C1VOL2
C1VOL1
C1VOL0
01100000
D7
D6
D5
D4
D3
D2
D1
D0
C2VOL7
C2VOL6
C2VOL5
C2VOL4
C2VOL3
C2VOL2
C2VOL1
C2VOL0
01100000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com