Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA369BWS Datasheet(PDF) 82 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STA369BWS_V01 Datasheet HTML 78Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 79Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 80Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 81Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 82Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 83Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 84Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 85Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
Register description
STA369BWS
82/92
DocID016861 Rev 7
7.22
Bad PWM detection registers (addr 0x4D, 0x4E, 0x4F)
Root part number 1 implements a detection on PWM outputs which is able to verify if the
output signal has no zero crossing in a configurable time window. This check is useful to
detect the DC level in the PWM outputs. The checks are performed at logic level PWM so it
is implemented inside the PWM modulator logic.
In the case of ternary modulation, the detection threshold is computed as:
TH = ((BPTH * 2 + 1) / 128) * 100%
If the measured PWM duty cycle is detected greater or equal to TH for more than BPTIM
PWM periods, the corresponding PWM bit is set in register 0x4E.
In the case of binary modulation, there are two thresholds:
TH1 = ((64 + BPTH) / 128) * 100%
TH2 = ((64 - BPTH) / 128) * 100%
In this case, if the measured PWM duty cycle is outside the TH1 to TH2 range for more than
BPTIM PWM periods, the corresponding bit is set in register 0x4E.
7.23
Coefficient RAM CRC protection (addr 0x60-0x6C)
7.23.1
BQCHKE registers (addr 0x60 - 0x62)
D7
D6
D5
D4
D3
D2
D1
D0
BPTH[5]
BPTH[4]
BPTH[3]
BPTH[2]
BPTH[1]
BPTH[0]
Reserved
GDRC
00110010
D7
D6
D5
D4
D3
D2
D1
D0
BP4B
BP4A
BP3B
BP3A
BP2B
BP2A
BP1B
BP1A
00000000
D7
D6
D5
D4
D3
D2
D1
D0
BPTIM[7]
BPTIM[6]
BPTIM[5]
BPTIM[4]
BPTIM[3]
BPTIM[2]
BPTIM[1]
BPTIM[0]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
BQCHKE[7]
BQCHKE[6]
BQCHKE[5]
BQCHKE[4]
BQCHKE[3]
BQCHKE[2]
BQCHKE[1]
BQCHKE[0]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
BQCHKE[15]
BQCHKE[14]
BQCHKE[13]
BQCHKE[12]
BQCHKE[11]
BQCHKE[10]
BQCHKE[9]
BQCHKE[8]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
BQCHKE[23]
BQCHKE[22]
BQCHKE[21]
BQCHKE[20]
BQCHKE[19]
BQCHKE[18]
BQCHKE[17]
BQCHKE[16]
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com