Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA369BWS Datasheet(PDF) 77 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STA369BWS_V01 Datasheet HTML 73Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 74Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 75Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 76Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 77Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 78Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 79Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 80Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 92 page
background image
DocID016861 Rev 7
77/92
STA369BWS
Register description
92
registers. D7 bit, when set, is responsible to activate this function on the crossover filter
while the other bits address any specific biquads as per previous table. Channels 1 and 2
share the same settings. Bit D7 is effective also for channel 3 if the relative OCFG is used.
Figure 24. Biquad filter structure with quantization-error noise shaping
7.19
Extended coefficient range up to +4/-4 (addr 0x49, 0x4A)
Biquads from 1 to 7 have the possibility to extend the coefficient range from +1/-1 to +4/-4.
This allows the realization of high shelf filters that may require a coefficients dynamic
greater than 1 (absolute value).
Three ranges are available, +1/-1, +2/-2, +4/-4. To maintain a back compatibility with all the
previous Sound Terminal® products, the extended range is not activated by default.
Each biquad has its independent setting as per the table below:
In this case the user can decide, for each filter stage, the correct coefficients range. Note
that for a given biquad the same range is applied to left and right (channel 1 and channel 2).
Crossover biquads do not have this feature and maintain the +1/-1 range unchanged.
D7
D6
D5
D4
D3
D2
D1
D0
CXTB4[1]
CXTB4[0]
CXTB3[1]
CXTB3[0]
CXTB2[1]
CXTB2[0]
CXTB1[1]
CXTB1[0]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
CXTB7[1]
CXTB7[0]
CXTB6[1]
CXTB6[0]
CXTB5[1]
CXTB5[0]
00000000
Table 87. Coefficients extended range configuration
CEXT_Bx[1:0]
Coefficient range
00
+1/-1
01
+2/-2
10
+4/-4
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com