Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PYB10 Datasheet(PDF) 2 Page - CUI INC

Part # PYB10
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PYB10 Datasheet(HTML) 2 Page - CUI INC

  PYB10 Datasheet HTML 1Page - CUI INC PYB10 Datasheet HTML 2Page - CUI INC PYB10 Datasheet HTML 3Page - CUI INC PYB10 Datasheet HTML 4Page - CUI INC PYB10 Datasheet HTML 5Page - CUI INC PYB10 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PYB10 │ DESCRIPTION: DC-DC CONVERTER
date 01/15/2021
│ page 2 of 6
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
24 V input models
48 V input models
9
18
24
48
36
75
Vdc
Vdc
start-up voltage
24 V input models
48 V input models
9
18
Vdc
Vdc
surge voltage
for maximum of 1 second
24 V input models
48 V input models
-0.7
-0.7
50
100
Vdc
Vdc
filter
pi filter
CTRL1
models ON (CTRL open or connect high level, 3.5-12 Vdc)
models OFF (CTRL connect GND or low level, 0-1.2 Vdc)
input current (models OFF)
1
3
mA
Note:
1. CTRL pin voltage is referenced to GND.
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
full load, input voltage from low to high
±0.2
±0.5
%
load regulation
5% to 100% load
±0.5
±1
%
cross regulation
dual output models:
main output 50% load, secondary output from
10% to 100% load
±5
%
voltage accuracy
±1
±2
%
voltage balance2
dual output, balanced loads
±0.5
±1.5
%
switching frequency
PWM mode
350
KHz
transient recovery time
25% load step change
300
500
μs
transient response deviation
25% load step change
±3
±5
%
temperature coefficient
100% load
±0.03
%/°C
Note:
2. For dual output models, unbalanced load can not exceed ±5%. If ±5% is exceeded, it may not meet all specifications.
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous, automatic recovery
over voltage protection
110
120
140
%Vo
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
for 1 minute at 1 mA max.
1,500
Vdc
isolation resistance
at 500 Vdc
1,000
MΩ
safety approvals
certified to 62368-1: EN
conducted emissions
CISPR22/EN55022, class A, class B (external circuit required, see Figure 1-b)
radiated emissions
CISPR22/EN55022, class A, class B (external circuit required, see Figure 1-b)
ESD
IEC/EN61000-4-2, class B, contact ± 4kV
radiated immunity
IEC/EN61000-4-3, class A, 10V/m
EFT/burst
IEC/EN61000-4-4, class B, ± 2kV (external circuit required, see Figure 1-a)
surge
IEC/EN61000-4-5, class B, ± 2kV (external circuit required, see Figure 1-a)
conducted immunity
IEC/EN61000-4-6, class A, 3 Vr.m.s
voltage dips & interruptions
IEC/EN61000-4-29, class B, 0%-70%
MTBF
as per MIL-HDBK-217F @ 25°C
1,000,000
hours
RoHS compliant
yes
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com