Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PYB10 Datasheet(PDF) 5 Page - CUI INC

Part # PYB10
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PYB10 Datasheet(HTML) 5 Page - CUI INC

  PYB10 Datasheet HTML 1Page - CUI INC PYB10 Datasheet HTML 2Page - CUI INC PYB10 Datasheet HTML 3Page - CUI INC PYB10 Datasheet HTML 4Page - CUI INC PYB10 Datasheet HTML 5Page - CUI INC PYB10 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PYB10 │ DESCRIPTION: DC-DC CONVERTER
date 01/15/2021
│ page 5 of 6
Single
Vout
(Vdc)
Max.
Capacitive
Load
(μF)
Dual
Vout
(Vdc)
Max.
Capacitive
Load4
(μF)
3.3
2200
--
--
5
2200
5
680
12
4701
12
2203
15
3302
15
100
24
100
--
--
1. Recommended circuit
This series has been tested according to the following recommended testing circuit before leaving the factory. This series should be
tested under load (see Figure 3). If you want to further decrease the input/output ripple, you can increase the capacitance accord-
ingly or choose capacitors with low ESR (see table 3). However, the capacitance of the output filter capacitor must be appropriate. If
the capacitance is too high, a startup problem might arise. For every channel of the output, to ensure safe and reliable operation, the
maximum capacitance must be less than the maximum capacitive load (see Table 4).
APPLICATION NOTES
Figure 3
Table 3
Table 4
Vin
(Vdc)
Cin
(µF)
Cout
(µF)
24
10~47
10
48
10~47
10
Note:
1. Minimum load shouldn't be less than 5%, otherwise ripple may increase dramatically. Operation under minimum load will not damage the converter, however, they may
not meet all specifications listed.
2. Maximum capacitive load is tested at input voltage range and full load.
3. All specifications are measured at Ta=25°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
Cout
-Vo
Dual Output
Single Output
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
Notes:
1. 330 μF for 48Vin.
2. 220 μF for 48Vin.
3. 150 μF for 48Vin.
4. For each output.
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com