Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PYB10 Datasheet(PDF) 3 Page - CUI INC

Part # PYB10
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PYB10 Datasheet(HTML) 3 Page - CUI INC

  PYB10 Datasheet HTML 1Page - CUI INC PYB10 Datasheet HTML 2Page - CUI INC PYB10 Datasheet HTML 3Page - CUI INC PYB10 Datasheet HTML 4Page - CUI INC PYB10 Datasheet HTML 5Page - CUI INC PYB10 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PYB10 │ DESCRIPTION: DC-DC CONVERTER
date 01/15/2021
│ page 3 of 6
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-40
85
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
5
95
%
case temperature
at full load, Ta=71°C
105
°C
vibration
10~55 Hz for 30 min. along X, Y and Z axis
10
G
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
1.5 mm from case for 10 seconds
300
°C
wave soldering
see wave soldering profile
260
°C
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
50.8 x 25.4 x 11.8
mm
case material
aluminum alloy
weight
22
g
MECHANICAL DRAWING
PIN CONNECTIONS
PIN
Single
Output
Dual
Output
1
GND
GND
2
Vin
Vin
3
+Vo
+Vo
4
No Pin
0V
5
0V
-Vo
6*
CTRL
CTRL
units: mm[inch]
tolerance: ±0.3[±0.012]
pin diameter tolerance: ±0.10[±0.004]
pin height tolerance: ±0.50[±0.020]
1
2
6
3
5
4
1
2
3
5
6
4
Top View
PCB Layout
Front View
Bottom View
Grid Size: 2.54mm x 2.54mm
Note: * "No Pin" option available.
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com