Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PYB10 Datasheet(PDF) 1 Page - CUI INC

Part # PYB10
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PYB10 Datasheet(HTML) 1 Page - CUI INC

  PYB10 Datasheet HTML 1Page - CUI INC PYB10 Datasheet HTML 2Page - CUI INC PYB10 Datasheet HTML 3Page - CUI INC PYB10 Datasheet HTML 4Page - CUI INC PYB10 Datasheet HTML 5Page - CUI INC PYB10 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 01/15/2021
page 1 of 6
SERIES: PYB10
│ DESCRIPTION: DC-DC CONVERTER
date
page 1 of 6
FEATURES
• up to 10 W isolated output
• industry standard pinout
• 4:1 input range (9~36 V, 18~75 V)
• smaller package
• single/dual regulated outputs
• 1,500 Vdc isolation
• continuous short circuit, over voltage protection
• temperature range (-40~85°C)
• six-sided metal shielding
• efficiency up to 88%
• EN 62368-1
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PYB10-Q24-S3
24
9~36
3.3
120
2400
8
80
79
PYB10-Q24-S5
24
9~36
5
100
2000
10
80
82
PYB10-Q24-S12
24
9~36
12
42
833
10
80
86
PYB10-Q24-S15
24
9~36
15
33
667
10
80
87
PYB10-Q24-S24
24
9~36
24
21
416
10
80
87
PYB10-Q24-D5
24
9~36
±5
±50
±1000
10
80
83
PYB10-Q24-D12
24
9~36
±12
±21
±416
10
80
86
PYB10-Q24-D15
24
9~36
±15
±16
±333
10
80
88
PYB10-Q48-S3
48
18~75
3.3
120
2400
8
80
79
PYB10-Q48-S5
48
18~75
5
100
2000
10
80
82
PYB10-Q48-S12
48
18~75
12
42
833
10
80
86
PYB10-Q48-S15
48
18~75
15
33
667
10
80
87
PYB10-Q48-S24
48
18~75
24
21
416
10
80
87
PYB10-Q48-D5
48
18~75
±5
±50
±1000
10
80
83
PYB10-Q48-D12
48
18~75
±12
±21
±416
10
80
86
PYB10-Q48-D15
48
18~75
±15
±16
±333
10
80
88
Notes:
1. Ripple and noise are measured at 20 MHz BW by “parallel cable” method
PART NUMBER KEY
PYB10 - QXX - XXX - X
Input Voltage
Output Voltage
Base Number
S = single
D = dual
CTRL Pin
"blank" = on/off control
*A = no on/off control
Output
Notes:
*Discontinued versions without on/off control
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - PYB10

ManufacturerPart #DatasheetDescription
logo
CUI INC
PYB10 CUI-PYB10 Datasheet
263Kb / 6P
DC-DC CONVERTER
PYB10-DIN CUI-PYB10-DIN Datasheet
285Kb / 6P
DC-DC CONVERTER
PYB10-DIN CUI-PYB10-DIN Datasheet
479Kb / 6P
DC-DC CONVERTER
01/19/2021
PYB10-DIN CUI-PYB10-DIN_V01 Datasheet
479Kb / 6P
DC-DC CONVERTER
01/19/2021
PYB10-Q24-D12 CUI-PYB10-Q24-D12 Datasheet
263Kb / 6P
DC-DC CONVERTER
More results

Similar Description - PYB10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com