Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS28F004AST60CDCDL Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS28F004AST60CDCDL
Description  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F004AST60CDCDL Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS28F004AST60CDCDL Datasheet HTML 35Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 36Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 37Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 38Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 39Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 40Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 41Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 42Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
TMS28F004Axy, TMS28F400Axy
524288 BY 8-BIT/262144 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS829A – JANUARY 1996 – REVISED AUGUST 1997
39
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
switching characteristics for TMS28F004AEy and TMS28F400AEy over recommended ranges of
supply voltage (commercial and extended temperature ranges) (continued)
ALT
’28F004AEy 80
’28F400AEy 80
PARAMETER
ALT.
SYMBOL
3-V VCC
RANGE
5-V VCC
RANGE
UNIT
MIN
MAX
MIN
MAX
ta(A)
Access time from A0 – A17 (see Note 15)
tAVQV
150
80
ns
ta(E)
Access time from E
tELQV
150
80
ns
ta(G)
Access time from G
tGLQV
90
40
ns
tc(R)
Cycle time, read
tAVAV
150
80
ns
td(E)
Delay time, E low to low-impedance output
tELQX
0
0
ns
td(G)
Delay time, G low to low-impedance output
tGLQX
0
0
ns
tdis(E)
Disable time, E to high-impedance output
tEHQZ
80
30
ns
tdis(G)
Disable time, G to high-impedance output
tGHQZ
60
30
ns
th(D)
Hold time, DQ valid from A0 – A17, E, or G, whichever occurs first
(see Note 15)
tAXQX
0
0
ns
tsu(EB)
Setup time, BYTE from E low
tELFL
tELFH
5
5
ns
td(RP)
Output delay time from RP high
tPHQV
800
450
ns
tdis(BL)
Disable time, BYTE low to DQ8 – DQ15 in the high-impedance state
tFLQZ
60
30
ns
ta(BH)
Access time from BYTE going high
tFHQV
150
80
ns
NOTE 15: A–1 – A17 for byte-wide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com