Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS28F004AST60CDCDL Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS28F004AST60CDCDL
Description  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F004AST60CDCDL Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS28F004AST60CDCDL Datasheet HTML 3Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 4Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 5Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 6Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 7Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 8Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 9Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 10Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
TMS28F004Axy, TMS28F400Axy
524288 BY 8-BIT/262144 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS829A – JANUARY 1996 – REVISED AUGUST 1997
7
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
block memory maps (continued)
7FFFFh
7C000h
7BFFFh
7A000h
79FFFh
78000h
77FFFh
60000h
5FFFFh
40000h
3FFFFh
20000h
1FFFFh
00000h
Address
Range
Boot Block
16K Addresses
Parameter Block
8K Addresses
Parameter Block
8K Addresses
Main Block
96K Addresses
Main Block
128K Addresses
8-Bit Configuration
DQ15/A –1 Is LSB Address
3FFFFh
3E000h
3DFFFh
3D000h
3CFFFh
3C000h
3BFFFh
30000h
2FFFFh
20000h
1FFFFh
10000h
0FFFFh
00000h
Address
Range
Boot Block
8K Addresses
Parameter Block
4K Addresses
Parameter Block
4K Addresses
Main Block
48K Addresses
Main Block
64K Addresses
16-Bit
Configuration
A0 Is LSB Address
Main Block
128K Addresses
Main Block
64K Addresses
Main Block
128K Addresses
Main Block
64K Addresses
NOTE A: The TMS28F004AxT is mapped the same as the 8-bit configuration of the TMS28F400AxT except that the LSB is A0.
Figure 1. TMS28F400AxT ( Top Boot Block ) Memory Map (See Note A)
7FFFFh
60000h
5FFFFh
40000h
3FFFFh
20000h
1FFFFh
08000h
07FFFh
06000h
05FFFh
04000h
03FFFh
00000h
Address
Range
Main Block
128K Addresses
Main Block
128K Addresses
Main Block
128K Addresses
Parameter Block
8K Addresses
Boot Block
16K Addresses
8-Bit Configuration
DQ15/A –1 Is LSB Address
3FFFFh
30000h
2FFFFh
20000h
1FFFFh
10000h
0FFFFh
04000h
03FFFh
03000h
02FFFh
02000h
01FFFh
00000h
Address
Range
Main Block
64K Addresses
Main Block
64K Addresses
Main Block
64K Addresses
Parameter Block
4K Addresses
Boot Block
8K Addresses
16-Bit
Configuration
A0 Is LSB Address
Parameter Block
8K Addresses
Parameter Block
4K Addresses
Main Block
96K Addresses
Main Block
48K Addresses
NOTE A: The TMS28F004AxB is mapped the same as the 8-bit configuration of the TMS28F400AxB except that the LSB is A0.
Figure 2. TMS28F400AxB (Bottom Boot Block ) Memory Map (See Note A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com