Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS28F004AST60CDCDL Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS28F004AST60CDCDL
Description  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F004AST60CDCDL Datasheet(HTML) 1 Page - Texas Instruments

  TMS28F004AST60CDCDL Datasheet HTML 1Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 2Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 3Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 4Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 5Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 6Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 7Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 8Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
TMS28F004Axy, TMS28F400Axy
524288 BY 8-BIT/262144 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS829A – JANUARY 1996 – REVISED AUGUST 1997
1
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
D Organization... 524288 By 8 Bits
262 144 By 16 Bits
D Array-Blocking Architecture
– One 16K-Byte Protected Boot Block
– Two 8K-Byte Parameter Blocks
– One 96K-Byte Main Block
– Three 128K-Byte Main Blocks
– Top or Bottom Boot Locations
D ’28F400Axy Offers a User-Defined 8-Bit
(Byte) or 16-Bit (Word) Organization
D ’28F004Axy Offers Only the 8-Bit
Organization
D Maximum Access/Minimum Cycle Time
– Commercial and Extended
5-V VCC ± 10%
3.3-V VCC ± 0.3 V
’28F400Axy60 60 ns
110 ns
’28F400Axy70 70 ns
130ns
’28F400Axy80 80 ns
150 ns
– Automotive (offered for only 5-V VCC
voltage configurations)
5-V VCC ± 10%
’28F400Axy70 70 ns
’28F400Axy80 80 ns
’28F400Axy90 90 ns
(x = S, E, F, M, or Z Depending on VCC/VPP
Configuration)
(y = T or B for Top or Bottom Boot-Block
Configuration)
D 100000 and 10000 Program/Erase Cycle
Versions
D Three Temperature Ranges
– Commercial...0
°C to 70°C
– Extended...– 40
°C to 85°C
– Automotive...– 40
°C to 125°C
D Industry Standard Packages Offered in
– 40-Pin TSOP (DCD Suffix)
– 44-Pin PSOP (DBJ Suffix)
– 48-Pin TSOP (DCD Suffix)
D Low Power Dissipation (VCC = 5.5 V)
– Active Write . . . 248 mW ( Byte Write)
– Active Read... 330 mW ( Byte Read)
– Active Write . . . 248 mW ( Word Write)
– Active Read... 330 mW ( Word Read)
– Block Erase... 165 mW
– Standby... 0.72 mW (CMOS-Input
Levels)
D Fully Automated On-Chip Erase and
Word / Byte Program Operations
D Write Protection for Boot Block
D Industry Standard Command-State Machine
(CSM)
– Erase Suspend/Resume
– Algorithm-Selection Identifier
D Three Different Combinations of Supply
Voltages Offered
D All Inputs/Outputs TTL Compatible
23
VCC
PIN NOMENCLATURE
A0 – A17
Address Inputs
BYTE
Byte Enable
DQ0 – DQ14 Data In / Out
DQ15/A –1 Data In / Out (word-wide mode),
Low-Order Address (byte-wide mode)
E
Chip Enable
G
Output Enable
NC
No Internal Connection
RP
Reset / Deep Power-Down
VCC
Power Supply
VPP
Power Supply for Program / Erase
VSS
Ground
W
Write Enable
DU/WP
Do Not Use for ’AMy or ’AZy /Write Protect
DBJ PACKAGE
( TOP VIEW )
VPP
DU/WP
A17
A7
A6
A5
A4
A3
A2
A1
A0
E
VSS
G
DQ0
DQ8
DQ1
DQ9
DQ2
DQ10
RP
W
A8
A9
A10
A11
A12
A13
A14
A15
A16
BYTE
VSS
DQ15/A –1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
19
20
26
25
DQ3
DQ11
DQ4
21
22
24
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1997, Texas Instruments Incorporated


Similar Part No. - TMS28F004AST60CDCDL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F004AST TI1-TMS28F004AST Datasheet
1Mb / 80P
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F004AST80BDCDE TI1-TMS28F004AST80BDCDE Datasheet
1Mb / 80P
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
More results

Similar Description - TMS28F004AST60CDCDL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS29F400B TI-TMS29F400B Datasheet
670Kb / 51P
524288 BY 8-BIT/262144 BY 16-BIT FLASH MEMORIES
TMS28F400BZT TI-TMS28F400BZT Datasheet
404Kb / 29P
8-BIT/262144 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS29F800T TI-TMS29F800T Datasheet
685Kb / 51P
1048576 BY 8-BIT/ 524288 BY 16-BIT FLASH MEMORIES
TMS28F008AXY TI-TMS28F008AXY Datasheet
714Kb / 52P
1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F200BZT TI-TMS28F200BZT Datasheet
405Kb / 29P
262144 BY 8-BIT/131072 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS28F002AXY TI-TMS28F002AXY Datasheet
1Mb / 79P
262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F004AEB TI1-TMS28F004AEB Datasheet
1Mb / 80P
524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F008AEB TI1-TMS28F008AEB Datasheet
696Kb / 52P
1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS29F002RB TI1-TMS29F002RB Datasheet
517Kb / 41P
262144 BY 8-BIT FLASH MEMORIES
TMS29F002B TI1-TMS29F002B Datasheet
453Kb / 38P
262144 BY 8-BIT FLASH MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com