Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS28F004AST60CDCDL Datasheet(PDF) 47 Page - Texas Instruments

Part # TMS28F004AST60CDCDL
Description  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F004AST60CDCDL Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS28F004AST60CDCDL Datasheet HTML 43Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 44Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 45Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 46Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 47Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 48Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 49Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 50Page - Texas Instruments TMS28F004AST60CDCDL Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 80 page
background image
power-up and reset switching characteristics for TMS28F004AMy and TMS28F400AMy over recommended ranges of supply
voltage (commercial and extended temperature ranges)(see Notes 11, 12, and 13)
ALT
’28F004AMy 60
’28F400AMy 60
’28F004AMy 70
’28F400AMy 70
’28F004AMy 80
’28F400AMy 80
PARAMETER
ALT.
SYMBOL
3.3-V VCC
RANGE
5-V VCC
RANGE
3.3-V VCC
RANGE
5-V VCC
RANGE
3.3-V VCC
RANGE
5-V VCC
RANGE
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tsu(VCC)
Setup time, RP low to VCC at
4.5 V MIN (to VCC at 3 V MIN or
3.6 V MAX) (see Note 14)
tPL5V
tPL3V
0
0
0
0
0
0
ns
ta(DV)
Address valid to data valid
tAVQV
110
60
130
70
150
80
ns
tsu(DV)
Setup time, RP high to data valid
tPHQV
800
450
800
450
800
450
ns
th(RP5)
Hold time, VCC at 4.5 V (MIN) to RP
high
t5VPH
2
2
2
2
2
2
µs
th(RP3)
Hold time, VCC at 3 V (MIN) to RP high
t3VPH
2
2
2
2
2
2
µs
NOTES: 11. Characterization data available
12. All ac current values are RMS unless otherwise noted.
13 E and G are switched low after power up.
14 The power supply can switch low concurrently with RP going low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com