Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8358ECVRADDDA Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MPC8358ECVRADDDA
Description  PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVRADDDA Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MPC8358ECVRADDDA Datasheet HTML 9Page - NXP Semiconductors MPC8358ECVRADDDA Datasheet HTML 10Page - NXP Semiconductors MPC8358ECVRADDDA Datasheet HTML 11Page - NXP Semiconductors MPC8358ECVRADDDA Datasheet HTML 12Page - NXP Semiconductors MPC8358ECVRADDDA Datasheet HTML 13Page - NXP Semiconductors MPC8358ECVRADDDA Datasheet HTML 14Page - NXP Semiconductors MPC8358ECVRADDDA Datasheet HTML 15Page - NXP Semiconductors MPC8358ECVRADDDA Datasheet HTML 16Page - NXP Semiconductors MPC8358ECVRADDDA Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 95 page
background image
MPC8358E PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications, Rev. 3
Freescale Semiconductor
13
Clock Input Timing
Table 5 shows the estimated typical I/O power dissipation for the device.
4
Clock Input Timing
This section provides the clock input DC and AC electrical characteristics for the MPC8358E.
NOTE
The rise/fall time on QUICC Engine block input pins should not exceed 5
ns. This should be enforced especially on clock signals. Rise time refers to
signal transitions from 10% to 90% of VDD; fall time refers to transitions
from 90% to 10% of VDD.
Table 5. Estimated Typical I/O Power Dissipation
Interface
Parameter
GVDD
(1.8 V)
GVDD
(2.5 V)
OVDD
(3.3 V)
LVDD
(3.3 V)
LVDD
(2.5 V)
Unit
Comments
DDR I/O
65% utilization
2.5 V
Rs = 20 Ω
Rt = 50 Ω
2 pairs of clocks
200 MHz, 1x32 bits
0.3
0.46
—
—
—
W
—
200 MHz, 1x64 bits
0.4
0.58
—
—
—
W
—
200 MHz, 2x32 bits
0.6
0.92
—
—
—
W
—
266 MHz, 1x32 bits
0.35
0.56
—
—
—
W
—
266 MHz, 1x64 bits
0.46
0.7
—
—
—
W
—
266 MHz, 2x32 bits
0.7
1.11
—
—
—
W
—
Local Bus I/O
Load = 25 pf
3 pairs of clocks
133 MHz, 32 bits
—
—
0.22
—
—
W
—
83 MHz, 32 bits
—
—
0.14
—
—
W
—
66 MHz, 32 bits
—
—
0.12
—
—
W
—
50 MHz, 32 bits
—
—
0.09
—
—
W
—
PCI I/O
Load = 30 pF
33 MHz, 32 bits
—
—
0.05
—
—
W
—
66 MHz, 32 bits
—
—
0.07
—
—
W
—
10/100/1000
Ethernet I/O
Load = 20 pF
MII or RMII
—
—
—
0.01
—
W
Multiply by
number of
interfaces used.
GMII or TBI
—
—
—
0.04
—
W
RGMII or RTBI
————
0.04
W
Other I/O
—
—
—
0.1
—
—
W
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com