Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8358ECVRADDDA Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MPC8358ECVRADDDA
Description  PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVRADDDA Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MPC8358ECVRADDDA Datasheet HTML 17Page - NXP Semiconductors MPC8358ECVRADDDA Datasheet HTML 18Page - NXP Semiconductors MPC8358ECVRADDDA Datasheet HTML 19Page - NXP Semiconductors MPC8358ECVRADDDA Datasheet HTML 20Page - NXP Semiconductors MPC8358ECVRADDDA Datasheet HTML 21Page - NXP Semiconductors MPC8358ECVRADDDA Datasheet HTML 22Page - NXP Semiconductors MPC8358ECVRADDDA Datasheet HTML 23Page - NXP Semiconductors MPC8358ECVRADDDA Datasheet HTML 24Page - NXP Semiconductors MPC8358ECVRADDDA Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 95 page
background image
MPC8358E PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications, Rev. 3
Freescale Semiconductor
21
DDR and DDR2 SDRAM
Figure 5 shows the input timing diagram for the DDR controller.
Figure 5. DDR Input Timing Diagram
6.2.2
DDR and DDR2 SDRAM Output AC Timing Specifications
Table 20 and Table 21 provide the output AC timing specifications and measurement conditions for the
DDR and DDR2 SDRAM interface.
Table 19. DDR and DDR2 SDRAM Input AC Timing Specifications Mode
At recommended operating conditions with GVDD of (1.8 or 2.5 V) ± 5%.
Parameter
Symbol
Min
Max
Unit
Notes
MDQS—MDQ/MECC input skew per byte
266 MHz
200 MHz
tDISKEW
–1125
–1250
1125
1250
ps
1, 2
Notes:
1. AC timing values are based on the DDR data rate, which is twice the DDR memory bus frequency.
2. Maximum possible skew between a data strobe (MDQS[n]) and any corresponding bit of data (MDQ[8n + {0...7}] if 0
≤ n ≤ 7)
or ECC (MECC[{0...7}] if n = 8).
Table 20. DDR and DDR2 SDRAM Output AC Timing Specifications for Source
Synchronous Mode
At recommended operating conditions with GVDD of (1.8 V or 2.5 V) ± 5%.
Parameter8
Symbol1
Min
Max
Unit
Notes
MCK[n] cycle time, (MCK[n]/MCK[n] crossing)
tMCK
610
ns
2
Skew between any MCK to ADDR/CMD
266 MHz
200 MHz
tAOSKEW
–1.1
–1.2
0.3
0.4
ns
3
MCK[n]
MCK[n]
tMCK
MDQ[x]
MDQS[n]
tDISKEW
D1
D0
tDISKEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com