Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8358ECVRADDDA Datasheet(PDF) 26 Page - NXP Semiconductors

Part # MPC8358ECVRADDDA
Description  PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVRADDDA Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button MPC8358ECVRADDDA Datasheet HTML 22Page - NXP Semiconductors MPC8358ECVRADDDA Datasheet HTML 23Page - NXP Semiconductors MPC8358ECVRADDDA Datasheet HTML 24Page - NXP Semiconductors MPC8358ECVRADDDA Datasheet HTML 25Page - NXP Semiconductors MPC8358ECVRADDDA Datasheet HTML 26Page - NXP Semiconductors MPC8358ECVRADDDA Datasheet HTML 27Page - NXP Semiconductors MPC8358ECVRADDDA Datasheet HTML 28Page - NXP Semiconductors MPC8358ECVRADDDA Datasheet HTML 29Page - NXP Semiconductors MPC8358ECVRADDDA Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 95 page
background image
MPC8358E PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications, Rev. 3
26
Freescale Semiconductor
UCC Ethernet Controller: Three-Speed Ethernet, MII Management
8.1
Three-Speed Ethernet Controller (10/100/1000 Mbps)—
GMII/MII/RMII/TBI/RGMII/RTBI Electrical Characteristics
The electrical characteristics specified here apply to all GMII (gigabit media independent interface), MII
(media independent interface), RMII (reduced media independent interface), TBI (ten-bit interface),
RGMII (reduced gigabit media independent interface), and RTBI (reduced ten-bit interface) signals except
MDIO (management data input/output) and MDC (management data clock). The MII, RMII, GMII, and
TBI interfaces are only defined for 3.3 V, while the RGMII and RTBI interfaces are only defined for 2.5 V.
The RGMII and RTBI interfaces follow the Hewlett-Packard reduced pin-count interface for Gigabit
Ethernet Physical Layer Device Specification Version 1.2a (9/22/2000). The electrical characteristics for
the MDIO and MDC are specified in Section 8.3, “Ethernet Management Interface Electrical
Characteristics.”
8.1.1
10/100/1000 Ethernet DC Electrical Characteristics
The electrical characteristics specified here apply to media independent interface (MII), reduced gigabit
media independent interface (RGMII), reduced ten-bit interface (RTBI), reduced media independent
interface (RMII) signals, management data input/output (MDIO) and management data clock (MDC).
The MII and RMII interfaces are defined for 3.3 V, while the RGMII and RTBI interfaces can be operated
at 2.5 V. The RGMII and RTBI interfaces follow the Reduced Gigabit Media-Independent Interface
(RGMII) Specification Version 1.3. The RMII interface follows the RMII Consortium RMII Specification
Version 1.2.
Table 24. RGMII/RTBI, GMII, TBI, MII, and RMII DC Electrical Characteristics (when operating at 3.3 V)
Parameter
Symbol
Conditions
Min
Max
Unit
Notes
Supply voltage 3.3 V
LVDD
—
2.97
3.63
V
1
Output high voltage
VOH
IOH = –4.0 mA
LVDD = Min
2.40
LVDD + 0.3
V
—
Output low voltage
VOL
IOL = 4.0 mA
LVDD = Min
GND
0.50
V
—
Input high voltage
VIH
——
2.0
LVDD + 0.3
V
—
Input low voltage
VIL
—
—
–0.3
0.90
V
—
Input current
IIN
0 V
≤ VIN ≤ LVDD
—±10
μA—
Note:
1. GMII/MII pins that are not needed for RGMII, RMII, or RTBI operation are powered by the OVDD supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com