| Electronic Components Datasheet Search |
|
MPC8358ECVRADDDA Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8358ECVRADDDA Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 95 page ![]() MPC8358E PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications, Rev. 3 Freescale Semiconductor 7 Electrical Characteristics — Multiple master support — Master or slave I2C mode support — On-chip digital filtering rejects spikes on the bus — System initialization data is optionally loaded from I2C-1 EPROM by boot sequencer embedded hardware • DMA controller — Four independent virtual channels — Concurrent execution across multiple channels with programmable bandwidth control — All channels accessible by local core and remote PCI masters — Misaligned transfer capability — Data chaining and direct mode — Interrupt on completed segment and chain — DMA external handshake signals: DMA_DREQ[0:3]/DMA_DACK[0:3]/DMA_DONE[0:3]. There is one set for each DMA channel. The pins are multiplexed to the parallel IO pins with other QE functions. • DUART — Two 4-wire interfaces (RxD, TxD, RTS, CTS) — Programming model compatible with the original 16450 UART and the PC16550D • System timers — Periodic interrupt timer — Real-time clock — Software watchdog timer — Eight general-purpose timers • IEEE Std. 1149.1™-compliant, JTAG boundary scan • Integrated PCI bus and SDRAM clock generation 2 Electrical Characteristics This section provides the AC and DC electrical specifications and thermal characteristics for the MPC8358E. The device is currently targeted to these specifications. Some of these specifications are independent of the I/O cell, but are included for a more complete reference. These are not purely I/O buffer design specifications. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |