Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2450-E/SPSQTP Datasheet(PDF) 26 Page - Microchip Technology

Part # PIC18F2450-E/SPSQTP
Description  28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2450-E/SPSQTP Datasheet(HTML) 26 Page - Microchip Technology

Back Button PIC18F2450-E/SPSQTP Datasheet HTML 22Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 23Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 24Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 25Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 26Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 27Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 28Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 29Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 320 page
background image
PIC18F2450/4450
DS39760A-page 24
Advance Information
© 2006 Microchip Technology Inc.
2.2.1
OSCILLATOR MODES AND
USB OPERATION
Because of the unique requirements of the USB module,
a different approach to clock operation is necessary. In
previous PICmicro® devices, all core and peripheral
clocks were driven by a single oscillator source; the usual
sources were primary, secondary or the internal
oscillator. With PIC18F2450/4450 devices, the primary
oscillator becomes part of the USB module and cannot
be associated to any other clock source. Thus, the USB
module must be clocked from the primary clock source;
however, the microcontroller core and other peripherals
can be separately clocked from the secondary or internal
oscillators as before.
Because of the timing requirements imposed by USB,
an internal clock of either 6 MHz or 48 MHz is required
while the USB module is enabled. Fortunately, the
microcontroller and other peripherals are not required
to run at this clock speed when using the primary
oscillator. There are numerous options to achieve the
USB module clock requirement and still provide
flexibility for clocking the rest of the device from the
primary oscillator source. These are detailed in
Section 2.3 “Oscillator Settings for USB”.
FIGURE 2-1:
PIC18F2450/4450 CLOCK DIAGRAM
PIC18F2450/4450
FOSC3:FOSC0
Secondary Oscillator
T1OSCEN
Enable
Oscillator
T1OSO
T1OSI
Clock Source Option
for other Modules
OSC1
OSC2
Sleep
Primary Oscillator
XT, HS, EC, ECIO
T1OSC
CPU
Peripherals
IDLEN
OSCCON<6:4>
WDT, PWRT, FSCM
Internal Oscillator
Clock
Control
OSCCON<1:0>
and Two-Speed Start-up
96 MHz
PLL
PLLDIV
CPUDIV
0
1
0
1
÷ 2
111
110
101
100
011
010
001
000
÷ 1
÷ 2
÷ 3
÷ 4
÷ 5
÷ 6
÷ 10
÷ 12
11
10
01
00
÷ 2
÷ 3
÷ 4
÷ 6
USB
USBDIV
FOSC3:FOSC0
HSPLL, ECPLL,
11
10
01
00
÷ 1
÷ 2
÷ 3
÷ 4
CPUDIV
1
0
Peripheral
FSEN
÷ 4
USB Clock Source
XTPLL, ECPIO
Primary
Clock
(4 MHz Input Only)
Internal RC Oscillator
31.25 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com