Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2450-E/SPSQTP Datasheet(PDF) 51 Page - Microchip Technology

Part # PIC18F2450-E/SPSQTP
Description  28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2450-E/SPSQTP Datasheet(HTML) 51 Page - Microchip Technology

Back Button PIC18F2450-E/SPSQTP Datasheet HTML 47Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 48Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 49Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 50Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 51Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 52Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 53Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 54Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 320 page
background image
PIC18F2450/4450
© 2006 Microchip Technology Inc.
Advance Information
DS39760A-page 49
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
TOSU
2450
4450
---0 0000
---0 0000
---0 uuuu(1)
TOSH
2450
4450
0000 0000
0000 0000
uuuu uuuu(1)
TOSL
2450
4450
0000 0000
0000 0000
uuuu uuuu(1)
STKPTR
2450
4450
00-0 0000
uu-0 0000
uu-u uuuu(1)
PCLATU
2450
4450
---0 0000
---0 0000
---u uuuu
PCLATH
2450
4450
0000 0000
0000 0000
uuuu uuuu
PCL
2450
4450
0000 0000
0000 0000
PC + 2(3)
TBLPTRU
2450
4450
--00 0000
--00 0000
--uu uuuu
TBLPTRH
2450
4450
0000 0000
0000 0000
uuuu uuuu
TBLPTRL
2450
4450
0000 0000
0000 0000
uuuu uuuu
TABLAT
2450
4450
0000 0000
0000 0000
uuuu uuuu
PRODH
2450
4450
xxxx xxxx
uuuu uuuu
uuuu uuuu
PRODL
2450
4450
xxxx xxxx
uuuu uuuu
uuuu uuuu
INTCON
2450
4450
0000 000x
0000 000u
uuuu uuuu(2)
INTCON2
2450
4450
1111 -1-1
1111 -1-1
uuuu -u-u(2)
INTCON3
2450
4450
11-0 0-00
11-0 0-00
uu-u u-uu(2)
INDF0
2450
4450
N/A
N/A
N/A
POSTINC0
2450
4450
N/A
N/A
N/A
POSTDEC0
2450
4450
N/A
N/A
N/A
PREINC0
2450
4450
N/A
N/A
N/A
PLUSW0
2450
4450
N/A
N/A
N/A
FSR0H
2450
4450
---- 0000
---- 0000
---- uuuu
FSR0L
2450
4450
xxxx xxxx
uuuu uuuu
uuuu uuuu
WREG
2450
4450
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF1
2450
4450
N/A
N/A
N/A
POSTINC1
2450
4450
N/A
N/A
N/A
POSTDEC1
2450
4450
N/A
N/A
N/A
PREINC1
2450
4450
N/A
N/A
N/A
PLUSW1
2450
4450
N/A
N/A
N/A
FSR1H
2450
4450
---- 0000
---- 0000
---- uuuu
FSR1L
2450
4450
xxxx xxxx
uuuu uuuu
uuuu uuuu
BSR
2450
4450
---- 0000
---- 0000
---- uuuu
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
2:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the
interrupt vector (0008h or 0018h).
4:
See Table 4-3 for Reset value for specific condition.
5:
PORTA<6>, LATA<6> and TRISA<6> are enabled depending on the oscillator mode selected. When not
enabled as PORTA pins, they are disabled and read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com