Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2450-E/SPSQTP Datasheet(PDF) 66 Page - Microchip Technology

Part # PIC18F2450-E/SPSQTP
Description  28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2450-E/SPSQTP Datasheet(HTML) 66 Page - Microchip Technology

Back Button PIC18F2450-E/SPSQTP Datasheet HTML 62Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 63Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 64Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 65Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 66Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 67Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 68Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 69Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 320 page
background image
PIC18F2450/4450
DS39760A-page 64
Advance Information
© 2006 Microchip Technology Inc.
OSCCON
IDLEN
—
—
—OSTS
—
SCS1
SCS0
0--- q-00
50, 31
HLVDCON
VDIRMAG
—
IRVST
HLVDEN
HLVDL3
HLVDL2
HLVDL1
HLVDL0
0-00 0101
50, 183
WDTCON
—
—
—
—
—
—
—SWDTEN
--- ---0
50, 202
RCON
IPEN
SBOREN(2)
—RI
TO
PD
POR
BOR
0q-1 11q0
50, 42
TMR1H
Timer1 Register High Byte
xxxx xxxx
50, 119
TMR1L
Timer1 Register Low Byte
xxxx xxxx
50, 119
T1CON
RD16
T1RUN
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
0000 0000
50, 115
TMR2
Timer2 Register
0000 0000
50, 122
PR2
Timer2 Period Register
1111 1111
50, 122
T2CON
—
T2OUTPS3
T2OUTPS2
T2OUTPS1
T2OUTPS0
TMR2ON
T2CKPS1
T2CKPS0
-000 0000
50, 121
ADRESH
A/D Result Register High Byte
xxxx xxxx
50, 182
ADRESL
A/D Result Register Low Byte
xxxx xxxx
50, 182
ADCON0
—
—
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
--00 0000
50, 173
ADCON1
—
—
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
--00 qqqq
50, 174
ADCON2
ADFM
—
ACQT2
ACQT1
ACQT0
ADCS2
ADCS1
ADCS0
0-00 0000
50, 175
CCPR1H
Capture/Compare/PWM Register 1 High Byte
xxxx xxxx
50, 124
CCPR1L
Capture/Compare/PWM Register 1 Low Byte
xxxx xxxx
50, 124
CCP1CON
—
—
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
--00 0000
50, 123,
BAUDCON
ABDOVF
RCIDL
—
SCKP
BRG16
—
WUE
ABDEN
01-0 0-00
51, 156,
SPBRGH
EUSART Baud Rate Generator Register High Byte
0000 0000
50, 157
SPBRG
EUSART Baud Rate Generator Register Low Byte
0000 0000
50, 157
RCREG
EUSART Receive Register
0000 0000
50, 164
TXREG
EUSART Transmit Register
0000 0000
50, 162
TXSTA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010
51, 154
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
51, 155
EECON2
Data Memory Control Register 2 (not a physical register)
0000 0000
51, 74
EECON1
—CFGS
—
FREE
WRERR
WREN
WR
—
-x-0 x00-
51, 75
IPR2
OSCFIP
—
USBIP
—
—HLVDIP
—
—
1-1- -1--
51, 95
PIR2
OSCFIF
—USBIF
—
—HLVDIF
—
—
0-0- -0--
51, 91
PIE2
OSCFIE
—
USBIE
—
—HLVDIE
—
—
0-0- -0--
51, 93
IPR1
—
ADIP
RCIP
TXIP
—
CCP1IP
TMR2IP
TMR1IP
-111 -111
51, 94
PIR1
—
ADIF
RCIF
TXIF
—
CCP1IF
TMR2IF
TMR1IF
-000 -000
51, 90
PIE1
—
ADIE
RCIE
TXIE
—
CCP1IE
TMR2IE
TMR1IE
-000 -000
51, 92
TRISE(3)
—
—
—
—
—
TRISE2
TRISE1
TRISE0
---- -111
51, 110
TRISD(3)
TRISD7
TRISD6
TRISD5
TRISD4
TRISD3
TRISD2
TRISD1
TRISD0
1111 1111
51, 108
TRISC
TRISC7
TRISC6
—
—
—
TRISC2
TRISC1
TRISC0
11-- -111
51, 106
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
1111 1111
51, 103
TRISA
—
TRISA6(4)
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
-111 1111
51, 100
LATE(3)
—
—
—
—
—
LATE2
LATE1
LATE0
---- -xxx
51, 110
LATD(3)
LATD7LATD6
LATD5LATD4
LATD3LATD2
LATD1LATD0
xxxx xxxx
51, 108
LATC
LATC7
LATC6
—
—
—
LATC2
LATC1
LATC0
xx-- -xxx
51, 106
LATB
LATB7
LATB6
LATB5
LATB4
LATB3
LATB2
LATB1
LATB0
xxxx xxxx
51, 103
LATA
—LATA6(4)
LATA5
LATA4
LATA3
LATA2
LATA1
LATA0
-xxx xxxx
51, 100
PORTE
—
—
—
—RE3(5)
RE2(3)
RE1(3)
RE0(3)
---- x000
51, 109
PORTD(3)
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx xxxx
51, 108
TABLE 5-2:
REGISTER FILE SUMMARY (PIC18F2450/4450) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition. Shaded cells are unimplemented, read as ‘0’.
Note
1:
Bit 21 of the TBLPTRU allows access to the device Configuration bits.
2:
The SBOREN bit is only available when BOREN<1:0> = 01; otherwise, the bit reads as ‘0’.
3:
These registers and/or bits are not implemented on 28-pin devices and are read as ‘0’. Reset values are shown for 40/44-pin devices;
individual unimplemented bits should be interpreted as ‘-’.
4:
RA6 is configured as a port pin based on various primary oscillator modes. When the port pin is disabled, all of the associated bits read ‘0’.
5:
RE3 is only available as a port pin when the MCLRE Configuration bit is clear; otherwise, the bit reads as ‘0’.
6:
RC5 and RC4 are only available as port pins when the USB module is disabled (UCON<3> = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com