Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2450-E/SPSQTP Datasheet(PDF) 42 Page - Microchip Technology

Part # PIC18F2450-E/SPSQTP
Description  28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2450-E/SPSQTP Datasheet(HTML) 42 Page - Microchip Technology

Back Button PIC18F2450-E/SPSQTP Datasheet HTML 38Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 39Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 40Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 41Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 42Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 43Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 44Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 45Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 320 page
background image
PIC18F2450/4450
DS39760A-page 40
Advance Information
© 2006 Microchip Technology Inc.
3.5.4
EXIT WITHOUT AN OSCILLATOR
START-UP DELAY
Certain exits from power-managed modes do not
invoke the OST at all. There are two cases:
• PRI_IDLE mode, where the primary clock source
is not stopped; and
• the primary clock source is not any of the XT or
HS modes.
In these instances, the primary clock source either
does not require an oscillator start-up delay, since it is
already running (PRI_IDLE), or normally does not
require an oscillator start-up delay (EC and any internal
oscillator modes). However, a fixed delay of interval
TCSD following the wake event is still required when
leaving Sleep and Idle modes to allow the CPU to
prepare for execution. Instruction execution resumes
on the first clock cycle following this delay.
TABLE 3-2:
EXIT DELAY ON WAKE-UP BY RESET FROM SLEEP MODE OR ANY IDLE MODE
(BY CLOCK SOURCES)
Microcontroller Clock Source
Exit Delay
Clock Ready Status
Bit (OSCCON)
Before Wake-up
After Wake-up
Primary Device Clock
(PRI_IDLE mode)
XT, HS
None
OSTS
XTPLL, HSPLL
EC
INTRC(1)
T1OSC or INTRC(1)
XT, HS
TOST(3)
OSTS
XTPLL, HSPLL
TOST + trc
(3)
EC
TCSD(2)
INTRC(1)
TIOBST(4)
INTRC(1)
XT, HS
TOST(3)
OSTS
XTPLL, HSPLL
TOST + trc
(3)
EC
TCSD(2)
INTRC(1)
None
None
(Sleep mode)
XT, HS
TOST(3)
OSTS
XTPLL, HSPLL
TOST + trc
(3)
EC
TCSD(2)
INTRC(1)
TIOBST(4)
Note 1:
In this instance, refers specifically to the 31 kHz INTRC clock source.
2:
TCSD (parameter 38, Table 21-10) is a required delay when waking from Sleep and all Idle modes and runs
concurrently with any other required delays (see Section 3.4 “Idle Modes”).
3:
TOST is the Oscillator Start-up Timer period (parameter 32, Table 21-10). trc is the PLL lock time-out
(parameter F12, Table 21-7); it is also designated as TPLL.
4:
Execution continues during TIOBST (parameter 39, Table 21-10), the INTRC stabilization period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com