Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2450-E/SPSQTP Datasheet(PDF) 104 Page - Microchip Technology

Part # PIC18F2450-E/SPSQTP
Description  28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2450-E/SPSQTP Datasheet(HTML) 104 Page - Microchip Technology

Back Button PIC18F2450-E/SPSQTP Datasheet HTML 100Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 101Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 102Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 103Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 104Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 105Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 106Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 107Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 320 page
background image
PIC18F2450/4450
DS39760A-page 102
Advance Information
© 2006 Microchip Technology Inc.
TABLE 9-3:
PORTB I/O SUMMARY
Pin
Function
TRIS
Setting
I/O
I/O Type
Description
RB0/AN12/
INT0
RB0
0
OUT
DIG
LATB<0> data output; not affected by analog input.
1
IN
TTL
PORTB<0> data input; weak pull-up when RBPU bit is cleared.
Disabled when analog input enabled.(1)
AN12
1
IN
ANA
A/D input channel 12.(1)
INT0
1
IN
ST
External interrupt 0 input.
RB1/AN10/
INT1
RB1
0
OUT
DIG
LATB<1> data output; not affected by analog input.
1
IN
TTL
PORTB<1> data input; weak pull-up when RBPU bit is cleared.
Disabled when analog input enabled.(1)
AN10
1
IN
ANA
A/D input channel 10.(1)
INT1
1
IN
ST
External interrupt 1 input.
RB2/AN8/
INT2/VMO
RB2
0
OUT
DIG
LATB<2> data output; not affected by analog input.
1
IN
TTL
PORTB<2> data input; weak pull-up when RBPU bit is cleared.
Disabled when analog input enabled.(1)
AN8
1
IN
ANA
A/D input channel 8.(1)
INT2
1
IN
ST
External interrupt 2 input.
VMO
0
OUT
DIG
External USB transceiver VMO data output.
RB3/AN9/VPO
RB3
0
OUT
DIG
LATB<3> data output; not affected by analog input.
1
IN
TTL
PORTB<3> data input; weak pull-up when RBPU bit is cleared.
Disabled when analog input enabled.(1)
AN9
1
IN
ANA
A/D input channel 9.(1)
VPO
0
OUT
DIG
External USB transceiver VPO data output.
RB4/AN11/
KBI0
RB4
0
OUT
DIG
LATB<4> data output; not affected by analog input.
1
IN
TTL
PORTB<4> data input; weak pull-up when RBPU bit is cleared.
Disabled when analog input enabled.(1)
AN11
1
IN
ANA
A/D input channel 11.(1)
KBI0
1
IN
TTL
Interrupt-on-pin change.
RB5/KBI1/
PGM
RB5
0
OUT
DIG
LATB<5> data output.
1
IN
TTL
PORTB<5> data input; weak pull-up when RBPU bit is cleared.
KBI1
1
IN
TTL
Interrupt-on-pin change.
PGM
x
IN
ST
Single-Supply Programming mode entry (ICSP™). Enabled by LVP
Configuration bit; all other pin functions disabled.
RB6/KBI2/
PGC
RB6
0
OUT
DIG
LATB<6> data output.
1
IN
TTL
PORTB<6> data input; weak pull-up when RBPU bit is cleared.
KBI2
1
IN
TTL
Interrupt-on-pin change.
PGC
x
IN
ST
Serial execution (ICSP) clock input for ICSP and ICD operation.(2)
RB7/KBI3/
PGD
RB7
0
OUT
DIG
LATB<7> data output.
1
IN
TTL
PORTB<7> data input; weak pull-up when RBPU bit is cleared.
KBI3
1
IN
TTL
Interrupt-on-pin change.
PGD
x
OUT
DIG
Serial execution data output for ICSP and ICD operation.(2)
x
IN
ST
Serial execution data input for ICSP and ICD operation.(2)
Legend:
OUT = Output, IN = Input, ANA = Analog Signal, DIG = Digital Output, ST = Schmitt Buffer Input,
TTL = TTL Buffer Input, x = Don’t care (TRIS bit does not affect port direction or is overridden for this option)
Note
1:
Configuration on POR is determined by PBADEN Configuration bit. Pins are configured as analog inputs when
PBADEN is set and digital inputs when PBADEN is cleared.
2:
All other pin functions are disabled when ICSP™ or ICD operation is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com