Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2450-E/SPSQTP Datasheet(PDF) 134 Page - Microchip Technology

Part # PIC18F2450-E/SPSQTP
Description  28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2450-E/SPSQTP Datasheet(HTML) 134 Page - Microchip Technology

Back Button PIC18F2450-E/SPSQTP Datasheet HTML 130Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 131Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 132Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 133Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 134Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 135Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 136Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 137Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 320 page
background image
PIC18F2450/4450
DS39760A-page 132
Advance Information
© 2006 Microchip Technology Inc.
There are 6 signals from the module to communicate
with and control an external transceiver:
• VM: Input from the single-ended D- line
• VP: Input from the single-ended D+ line
• RCV: Input from the differential receiver
• VMO: Output to the differential line driver
• VPO: Output to the differential line driver
•UOE: Output enable
The VPO and VMO signals are outputs from the SIE to
the external transceiver. The RCV signal is the output
from the external transceiver to the SIE; it represents
the differential signals from the serial bus translated
into a single pulse train. The VM and VP signals are
used to report conditions on the serial bus to the SIE
that can’t be captured with the RCV signal. The
combinations of states of these signals and their
interpretation are listed in Table 14-1 and Table 14-2.
REGISTER 14-2:
UCFG: USB CONFIGURATION REGISTER
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
UTEYE
UOEMON(1)
—
UPUEN(2,3)
UTRDIS(2)
FSEN(2)
PPB1
PPB0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
UTEYE: USB Eye Pattern Test Enable bit
1
= Eye pattern test enabled
0
= Eye pattern test disabled
bit 6
UOEMON: USB OE Monitor Enable bit(1)
1
=UOE signal active; it indicates intervals during which the D+/D- lines are driving
0
=UOE signal inactive
bit 5
Unimplemented: Read as ‘0’
bit 4
UPUEN: USB On-Chip Pull-up Enable bit(2,3)
1
= On-chip pull-up enabled (pull-up on D+ with FSEN = 1 or D- with FSEN = 0)
0
= On-chip pull-up disabled
bit 3
UTRDIS: On-Chip Transceiver Disable bit(2)
1
= On-chip transceiver disabled; digital transceiver interface enabled
0
= On-chip transceiver active
bit 2
FSEN: Full-Speed Enable bit(2)
1
= Full-speed device: controls transceiver edge rates; requires input clock at 48 MHz
0
= Low-speed device: controls transceiver edge rates; requires input clock at 6 MHz
bit 1-0
PPB1:PPB0: Ping-Pong Buffers Configuration bits
11
= Enabled for all endpoints except Endpoint 0
10
= Even/Odd ping-pong buffers enabled for all endpoints
01
= Even/Odd ping-pong buffer enabled for OUT Endpoint 0
00
= Even/Odd ping-pong buffers disabled
Note 1:
If UTRDIS is set, the UOE signal will be active independent of the UOEMON bit setting.
2:
The UPUEN, UTRDIS and FSEN bits should never be changed while the USB module is enabled. These
values must be preconfigured prior to enabling the module.
3:
This bit is only valid when the on-chip transceiver is active (UTRDIS = 0); otherwise, it is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com