Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2450-E/SPSQTP Datasheet(PDF) 194 Page - Microchip Technology

Part # PIC18F2450-E/SPSQTP
Description  28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2450-E/SPSQTP Datasheet(HTML) 194 Page - Microchip Technology

Back Button PIC18F2450-E/SPSQTP Datasheet HTML 190Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 191Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 192Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 193Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 194Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 195Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 196Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 197Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 198Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 320 page
background image
PIC18F2450/4450
DS39760A-page 192
Advance Information
© 2006 Microchip Technology Inc.
REGISTER 18-2:
CONFIG1H: CONFIGURATION REGISTER 1 HIGH (BYTE ADDRESS 300001h)
R/P-0
R/P-0
U-0
U-0
R/P-0
R/P-1
R/P-1
R/P-1
IESO
FCMEN
—
—FOSC3(1)
FOSC2(1)
FOSC1(1)
FOSC0(1)
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
u = Unchanged from programmed state
bit 7
IESO: Internal/External Oscillator Switchover bit
1
= Oscillator Switchover mode enabled
0
= Oscillator Switchover mode disabled
bit 6
FCMEN: Fail-Safe Clock Monitor Enable bit
1
= Fail-Safe Clock Monitor enabled
0
= Fail-Safe Clock Monitor disabled
bit 5-4
Unimplemented: Read as ‘0’
bit 3-0
FOSC3:FOSC0: Oscillator Selection bits(1)
111x
= HS oscillator, PLL enabled (HSPLL)
110x
= HS oscillator (HS)
1011
= Internal oscillator, HS oscillator used by USB (INTHS)
1010
= Internal oscillator, XT used by USB (INTXT)
1001
= Internal oscillator, CLKO function on RA6, EC used by USB (INTCKO)
1000
= Internal oscillator, port function on RA6, EC used by USB (INTIO)
0111
= EC oscillator, PLL enabled, CLKO function on RA6 (ECPLL)
0110
= EC oscillator, PLL enabled, port function on RA6 (ECPIO)
0101
= EC oscillator, CLKO function on RA6 (EC)
0100
= EC oscillator, port function on RA6 (ECIO)
001x
= XT oscillator, PLL enabled (XTPLL)
000x
= XT oscillator (XT)
Note 1:
The microcontroller and USB module both use the selected oscillator as their clock source in XT, HS and
EC modes. The USB module uses the indicated XT, HS or EC oscillator as its clock source whenever the
microcontroller uses the internal oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com