Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VFK400W Datasheet(PDF) 2 Page - CUI INC

Part # VFK400W
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFK400W Datasheet(HTML) 2 Page - CUI INC

  VFK400W Datasheet HTML 1Page - CUI INC VFK400W Datasheet HTML 2Page - CUI INC VFK400W Datasheet HTML 3Page - CUI INC VFK400W Datasheet HTML 4Page - CUI INC VFK400W Datasheet HTML 5Page - CUI INC VFK400W Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
CUI Inc
│ SERIES: VFK400W │ DESCRIPTION: DC-DC CONVERTER
date 02/25/2022
│ page 2 of 6
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
24 Vdc input
10
24
36
Vdc
48 Vdc input
12 Vdc output model
24/48 Vdc output models
20
18
48
48
75
75
Vdc
Vdc
under voltage shutdown
24 Vdc input
power up
power down
9.5
8.5
Vdc
Vdc
48 Vdc input
power up
power down
17.8
15.5
Vdc
Vdc
CTRL1
positive logic
models ON (open circuit)
models OFF (0~1.2 Vdc)
filter
pifilter
Note:
1. Do not drive high, may damage device.
OUTPUT
parameter
conditions/description
min
typ
max
units
maximum output capacitance
for all models
2,200
μF
line regulation
measured from high line to low line
±1
%
load regulation
measured from full load to zero load
±1
%
voltage accuracy
±1.5
%
adjustability
90
105
%
switchingfrequency
250
kHz
transient response
25% step load change
500
µs
temperaturecoefficient
±0.03
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous
over current protection
% nominal output current
110
150
%
over voltage protection
115
140
%
over temperature protection
shutdown
110
°C
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
for 1 minute: input to output; input to case;
output to case
1,500
Vdc
isolation resistance
10
MΩ
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-40
85
°C
storage temperature
-55
105
°C
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com