Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VFK400W Datasheet(PDF) 5 Page - CUI INC

Part # VFK400W
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFK400W Datasheet(HTML) 5 Page - CUI INC

  VFK400W Datasheet HTML 1Page - CUI INC VFK400W Datasheet HTML 2Page - CUI INC VFK400W Datasheet HTML 3Page - CUI INC VFK400W Datasheet HTML 4Page - CUI INC VFK400W Datasheet HTML 5Page - CUI INC VFK400W Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
cui.com
CUI Inc
│ SERIES: VFK400W │ DESCRIPTION: DC-DC CONVERTER
date 02/25/2022
│ page 5 of 6
1. Output Voltage Trimming
Leaveopenifnotused.
101%
102%
103%
104%
105%
12
2.2
1.6
1.2
0.82
0.68
24
4.3
3.3
2.2
1.6
1.5
48
10
6.8
4.8
3.9
3.5
90%
92%
94%
96%
98%
12
9
12
22
51
100
24
12
22
51
100
300
48
22
32
49
100
300
Note:
Allspecificationsmeasuredat25°C,nominalinputvoltage,andfullloadunlessotherwisenoted.
Note:
1.VFK400W-Q48-S12modelrequiresminimuminputvoltageof21.6Vdcinordertotrimbetween100~105%.
APPLICATION NOTES
Figure 1
Table 1
Table 2
ApplicationCircuitforTrimpin
TrimUpResistorValues(MΩ)1
TrimDownResistorValues(KΩ)
Desired Vout
(%Vout)
Desired Vout
(%Vout)
Nom. Vout
(Vdc)
Nom. Vout
(Vdc)
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com