Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VFK400W Datasheet(PDF) 3 Page - CUI INC

Part # VFK400W
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFK400W Datasheet(HTML) 3 Page - CUI INC

  VFK400W Datasheet HTML 1Page - CUI INC VFK400W Datasheet HTML 2Page - CUI INC VFK400W Datasheet HTML 3Page - CUI INC VFK400W Datasheet HTML 4Page - CUI INC VFK400W Datasheet HTML 5Page - CUI INC VFK400W Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
cui.com
CUI Inc
│ SERIES: VFK400W │ DESCRIPTION: DC-DC CONVERTER
date 02/25/2022
│ page 3 of 6
38.93 1.533
111.29 4.382
11
1
2
4
5
6
3
7
8
9
10
12
13
116.92 4.603
7.831
198.90
5.118
130.00
4.50 0.177
(4 PLCS)
127.00 5.000
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
198.90 x 127.00 x 38.93 (7.831 x 5.000 x 1.533 inch)
mm
case material
steel and aluminum extrusion
weight
1.18
kg
MECHANICAL DRAWING
PIN CONNECTIONS
PIN
FUNCTION
1, 2
+Vin
3, 4
-Vin
5
on/off
6
case
7, 8
+Vout
9
+S
10
trim
11
-S
12, 13
-Vout
units: mm[inch]
tolerance: X.X = ±0.5[±0.02]
X.XX = ±0.25[±0.010]
wire range: 22~12 AWG
screw size: #6-32
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com